Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEEL16V8J-25 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PEEL16V8J-25
Description  PEEL??V8 -15/-25 CMOS Programmable Electrically Erasable Logic
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PEEL16V8J-25 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PEEL16V8J-25 Datasheet HTML 1Page - List of Unclassifed Manufacturers PEEL16V8J-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEEL16V8J-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEEL16V8J-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEEL16V8J-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEEL16V8J-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEEL16V8J-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEEL16V8J-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEEL16V8J-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
16R8
Registered
16RP4
Registered
16RP6
Registered
14RP8
Registered
Programmable Macrocell
The macrocell provides complete control over the
architecture of each output. The ability to configure
each output independently permits users to tailor
the configuration of the PEEL16V8 to the precise
requirements of their designs.
Macrocell Architecture
Each macrocell consists of an OR function, a D-type
flip-flop, an output polarity selector, and a program-
mable feedback path. Four EEPROM architecture
bits MS0, MS1, OP and RC control the configuration
of each macrocell. Bits MS0 and MS1 are global,
and select between Simple, Complex and Regis-
tered mode for the whole device. Bits OP and RC
are local for each macrocell; bit OP controls the
output polarity and bit RC selects between regis-
tered and combinatorial operation and also speci-
fies the feedback path. Table 2 shows the architec-
ture bit settings for each possible configuration.
Equivalent circuits for the possible macrocell con-
figurations are illustrated in Figures 3, 4 and 5.
When creating a PEEL device design, the desired
macrocell configuration generally is specified explic-
itly in the design file. When the design is assembled
or compiled, the macrocell configuration bits are
defined in the last lines of the JEDEC programming
file.
Simple Mode
In Simple mode, all eight product terms feed the OR
array which can generate a purely combinatorial
function for the output pin. The programmable out-
put polarity selector allows active-high or active-low
logic, eliminating the need for external inverters.
For output functions, the buffer can be permanently
enabled. Feedback into the array is available on all
macrocell I/O pins, except for pins 15 and 16. Figure
VCC
Simple Mode
Active Low Output
1
VCC
Simple Mode
Active High Output
2
Simple Mode
I/O Pin Input
3
Figure 3. Macrocell Configurations for the Simple
Mode of the PEEL16V8
Table 2. PEEL16V8 Device Mode/Macrocell Architecture Configuration Bits
Config.
Mode
Architecture Bits
Function
Polarity
Feedback
#MS0
MS1
OP
RC
1
Simple
1000
Combinatorial
Active Low
I/O Pin
2
Simple
1010
Combinatorial
Active High
I/O Pin
3
Simple
1
0
X
1
None
None
I/O Pin
1
Complex
1101
Combinatorial
Active Low
I/O Pin
2
Complex
1111
Combinatorial
Active High
I/O Pin
1
Registered
0100
Registered
Active Low
Registered
2
Registered
0110
Registered
Active High
Registered
3
Registered
0101
Combinatorial
Active Low
I/O Pin
4
Registered
0111
Combinatorial
Active High
I/O Pin
PEEL16V8
3-9


Similar Part No. - PEEL16V8J-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8J-25 ANACHIP-PEEL16CV8J-25 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8J-25L ANACHIP-PEEL16CV8J-25L Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8P-25 ANACHIP-PEEL16CV8P-25 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8P-25L ANACHIP-PEEL16CV8P-25L Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL16V8J-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL22CV10AP-7 ANACHIP-PEEL22CV10AP-7 Datasheet
248Kb / 10P
   PEEL??22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device
PA7540 ANACHIP-PA7540 Datasheet
239Kb / 10P
   PA7540 PEEL Array Programmable Electrically Erasable Logic Array
PA7536 ANACHIP-PA7536 Datasheet
246Kb / 10P
   PEEL Array-TM Programmable Electrically Erasable Logic Array
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com