Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28268FUZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL28268FUZ-T7
Description  34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28268FUZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28268FUZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN6378.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28168, ISL28268
34µA Micro-power Single and Dual Rail-to-
Rail Input-Output (RRIO) Low Input Bias
Current Op Amps
The ISL28168 and ISL28268 are micro-power operational
amplifiers optimized for single supply operation over a power
supply range of 2.4VDC to 5.5VDC. These devices draw
minimal supply current and operate rail-to-rail at the input
and output, while providing excellent DC-accuracy, noise
and output drive specifications. Competing devices seriously
degrade these parameters to achieve micro-power supply
current.
The parts feature an Input Range Enhancement Circuit
(IREC) which enables them to maintain CMRR performance
for input voltages greater than the positive supply. The input
signal is capable of swinging 0.25V above the positive
supply and to 100mV below the negative supply with only a
slight degradation of the CMRR performance. The output
operation is rail-to-rail.
The 1/f corner of the voltage noise spectrum is at 100Hz.
This results in low frequency noise performance which can
only be found on devices with an order of magnitude higher
supply current.
ISL28168 and ISL28268 can be operated from one lithium
cell or two Ni-Cd batteries. The ISL28168 contains an enable
pin feature that allows the device to be shutdown when not in
use.
Features
• 34µA typical supply current
• 10pA typical input bias current
• 200kHz gain bandwidth product
• 2.4V to 5.5V single supply voltage range
• Rail-to-rail input and output
• Enable pin (ISL28168 only)
• Pb-free (RoHS compliant)
Applications
• Battery- or solar-powered systems
• 4mA to 20mA current loops
• Handheld consumer products
• Medical devices
• Sensor amplifiers
• ADC buffers
• DAC output amplifiers
Pinouts
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL28168FHZ-T7*
GACA
6 Ld SOT-23
MDP0038
ISL28168FHZ-T7A*
GACA
6 Ld SOT-23
MDP0038
Coming Soon
ISL28268FBZ-T7*
8 Ld SOIC
MDP0027
Coming Soon
ISL28268FUZ-T7*
8 Ld MSOP
MDP0043
* “-T7” and “-T7A” suffix are for tape and reel. Please refer to TB347
for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
ISL28168
(6 LD SOT-23)
TOP VIEW
ISL28268
(8 LD SOIC)
TOP VIEW
ISL28268
(8 LD MSOP)
TOP VIEW
1
2
3
6
4
5
+-
OUT
V-
IN+
V+
EN
IN-
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
Data Sheet
September 13, 2007


Similar Part No. - ISL28268FUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28268FUZ INTERSIL-ISL28268FUZ Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28268FUZ RENESAS-ISL28268FUZ Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
More results

Similar Description - ISL28268FUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28168 RENESAS-ISL28168 Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com