Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25256S8IG Datasheet(PDF) 5 Page - IC MICROSYSTEMS

Part # X25256S8IG
Description  5MHz SPI Serial E 2 PROM with Block Lock ??Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25256S8IG Datasheet(HTML) 5 Page - IC MICROSYSTEMS

  X25256S8IG Datasheet HTML 1Page - IC MICROSYSTEMS X25256S8IG Datasheet HTML 2Page - IC MICROSYSTEMS X25256S8IG Datasheet HTML 3Page - IC MICROSYSTEMS X25256S8IG Datasheet HTML 4Page - IC MICROSYSTEMS X25256S8IG Datasheet HTML 5Page - IC MICROSYSTEMS X25256S8IG Datasheet HTML 6Page - IC MICROSYSTEMS X25256S8IG Datasheet HTML 7Page - IC MICROSYSTEMS X25256S8IG Datasheet HTML 8Page - IC MICROSYSTEMS X25256S8IG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
X25256
– Preliminary Information
Characteristics subject to change without notice.
5 of 17
www.icmic.com
can be read sequentially by continuing to provide clock
pulses. The address is automatically incremented to the
next higher address after each byte of data is shifted out.
When the highest address is reached ($7FFF) the
address counter rolls over to address $0000 allowing the
read cycle to be continued indefinitely. The read operation
is terminated by taking CS HIGH. Refer to the read E
2PROM array operation sequence illustrated in Figure 2.
To read the status register the CS line is first pulled
LOW to select the device followed by the 8-bit RDSR
instruction. After the RDSR opcode is sent, the contents of
the status register are shifted out on the SO line.
Figure 3 illustrates the read status register sequence.
WP
WPEN
Memory Array Not
Block Protected
Memory Array
Block Protected
Block Lock
Bits
WPEN Bit
Protection
HIGH
X
Writable
Blocked
Writable
Writable
Software
LOW
0
Writable
Blocked
Writable
Writable
Software
LOW
1
Writable
Blocked
Writes Blocked
Writes Blocked
Hardware
Write Sequence
Prior to any attempt to write data into the X25256, the
“write enable” latch must first be set by issuing the
WREN instruction (See Figure 4). CS is first taken
LOW, then the WREN instruction is clocked into the
X25256. After all eight bits of the instruction are trans-
mitted, CS must then be taken HIGH. If the user con-
tinues the write operation without taking CS HIGH after
issuing the WREN instruction, the write operation will
be ignored.
To write data to the E
2
PROM memory array, the user
issues the WRITE instruction, followed by the address
and then the data to be written. This is minimally a thirty-
two clock operation. CS must go LOW and remain LOW for
the duration of the operation. The host may continue
to write up to 64 bytes of data to the X25256. The only
restriction is the 64 bytes must reside on the same
page. If the address counter reaches the end of the
page and the clock continues, the counter will “roll over”
to the first address of the page and overwrite any data
that may have been written.
For the write operation (byte or page write) to be com-
pleted, CS can only be brought HIGH after bit 0 of data
byte N is clocked in. If it is brought HIGH at any other
time the write operation will not be completed. Refer to
Figures 5 and 6 below for a detailed illustration of the write
sequences and time frames in which CS going
HIGH are valid.
To write to the status register, the WRSR instruction is
followed by the data to be written. Data bits 0, 1, 5, and
6 are “don’t care”. Figure 7 illustrates this sequence.
While the write is in progress following a status register or
E
2
PROM write sequence, the status register may be
read to check the WIP bit. During this time the WIP bit will
be HIGH.
Hold Operation
The HOLD input should be HIGH (at VIH
) under normal
operation. If a data transfer is to be interrupted HOLD
can be pulled LOW to suspend the transfer until it can
be resumed. The only restriction is the SCK input must be
LOW when HOLD is first pulled LOW and SCK must
also be LOW when HOLD is released.
The HOLD input may be tied HIGH either directly to V
CC or tied to VCC through a resistor.
Operational Notes
The X25256 powers-up in the following state:
– The device is in the low power standby state.
– A HIGH to LOW transition on CS is required to enter
an active state and receive an instruction. –
SO pin is high impedance.
– The “write enable” latch is reset.
Data Protection
The following circuitry has been included to prevent
inadvertent writes:
– The “write enable” latch is reset upon power-up.
– A WREN instruction must be issued to set the “write
enable” latch.
– CS must come HIGH at the proper clock count in
order to start a write cycle.


Similar Part No. - X25256S8IG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X252 ETC1-X252 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
X252-883B ETC1-X252-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Solarflare Communicatio...
X2522 SOLARFLARE-X2522 Datasheet
283Kb / 2P
   The World?셲 Lowest Latency 10/25G Ethernet NIC
X2522-10G SOLARFLARE-X2522-10G Datasheet
283Kb / 2P
   The World?셲 Lowest Latency 10/25G Ethernet NIC
X2522-10G-PLUS SOLARFLARE-X2522-10G-PLUS Datasheet
283Kb / 2P
   The World?셲 Lowest Latency 10/25G Ethernet NIC
More results

Similar Description - X25256S8IG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
X25057 XICOR-X25057 Datasheet
74Kb / 16P
   5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com