Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP214D Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GP214D
Description  1.4GHz DUAL PLL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GP214D Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GP214D Datasheet HTML 5Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 6Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 7Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 8Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 9Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 10Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 11Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 12Page - List of Unclassifed Manufacturers GP214D Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
GP214D
1.4GHz DUAL PLL
Version 1.2 (Jan. 2006)
9
GAINTECH INCORPORATED
PROGRAMMABLE N-COUNTER, CH1 AND CH2
These counters consist of the 5-bit swallow counter, the 12-bit programmable main counter, and two
modulus prescaler providing divisions of 64 and 66. The swallow counter and main counter enable to set
any of 192 to 262142 divisions.
LSB
MSB
Swallow counter
Main counter
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
N11
N12
N13
N14
N15
N16
N17
N18
N19
N-Counter divide ratio, N
Group code
CH1, “10”
CH2, “01"
5-BIT SWALLOW COUNTER DIVIDE RATIO (A COUNTER)
Divide ratio: 0 to 31, B≥A
Divide
Ratio (A)
N5
N4
N3
N2
N1
0
0
0
0
0
0
1
0
0
0
0
1
31
1
1
1
1
1
12-BIT MAIN COUNTER DIVIDE RATIO (B COUNTER)
Divide ratio: 3 to 4095
Divide
Ratio (B)
N17
N16
N15
N14
N13
N12
N11
N10
N9
N8
N7
N6
3
0
0
0
0
0
0
0
0
0
0
1
1
4
0
0
0
0
0
0
0
0
0
1
0
0
4095
1
1
1
1
1
1
1
1
1
1
1
1
Divide ratio of channel 1 and 2 = N
N = 2×(32×B+A), B≥A
Divide ratio: 192 to 262142


Similar Part No. - GP214D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GP21 SCHURTER-GP21 Datasheet
356Kb / 3P
   IEC Plug 400 VDC, Rewireable, Straight, max. Cable Diameter 9.2 mm
10.12.2021
logo
DIOTEC Electronics Corp...
GP210 DEC-GP210 Datasheet
366Kb / 2P
   2 AMP SOFT GLASS PASSIVATED DIODES
logo
Cornell Dubilier Electr...
GP210 CDE-GP210 Datasheet
170Kb / 2P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GP210 MALLORY-GP210 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Power-One
GP2101-7R POWER-ONE-GP2101-7R Datasheet
72Kb / 5P
   120...195 Watt DC-DC Converters
More results

Similar Description - GP214D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
Linear Technology
LTC6950 LINER-LTC6950 Datasheet
1Mb / 12P
   1.4GHz Low Phase Noise, Low Jitter PLL with Clock Distribution
logo
ADL Embedded Solutions
ADLQM67PC-827E ADL-ADLQM67PC-827E Datasheet
242Kb / 3P
   Intel Celeron 827E, 1.4GHz
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Samsung semiconductor
KB8825 SAMSUNG-KB8825 Datasheet
606Kb / 21P
   1.1GHZ DUAL PLL
S1T8825 SAMSUNG-S1T8825 Datasheet
120Kb / 16P
   1.1GHZ DUAL PLL
S1T8825B SAMSUNG-S1T8825B Datasheet
275Kb / 16P
   1.3GHZ DUAL PLL
logo
Sanyo Semicon Device
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com