Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3223EAP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3223EAP
Description  1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3223EAP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3223EAP Datasheet HTML 7Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 8Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 9Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 10Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 11Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 12Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 13Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 14Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1µA Supply-Current, True +3V to +5.5V
RS-232 Transceivers with AutoShutdown
______________________________________________________________________________________
11
Figure 10. Loopback Test Result at 235kbps
T1IN
R1OUT
VCC = +3.3V, 235kbps
C1–C4 = 0.1µF
T1OUT
5V/div
5V/div
2µs/div
5V/div
MAX3221
MAX3223
MAX3243
5kΩ
R_ IN
R_ OUT
EN (MAX3221/3)
C2-
C2+
C1-
C1+
V-
V+
VCC
C4
C3
C1
C2
0.1µF
VCC
FORCEOFF
T_ OUT
T_ IN
GND
VCC
0V
1000pF
Figure 8. Loopback Test Circuit
Figure 9. Loopback Test Result at 120kbps
T1IN
R1OUT
VCC = +3.3V, 120kbps
C1–C4 = 0.1µF
T1OUT
5V/div
5V/div
5V/div
5µs/div
Table 4. Logic Family Compatibility with
Various Supply Voltages
Table 3. Required Capacitor Values
VCC SUPPLY
VOLTAGE
(V)
COMPATIBILITY
3.3
3.3
Compatible with all CMOS
families.
5
5
Compatible with all TTL and
CMOS-logic families.
SYSTEM
POWER-
SUPPLY
VOLTAGE
(V)
5
3.3
Compatible with ACT and
HCT CMOS, and with TTL.
Incompatible with AC, HC,
or CD4000 CMOS.
VCC
(V)
C1
(µF)
C2, C3, C4
(µF)
3.0 to 3.6
0.1
0.1
4.5 to 5.5
0.047
0.33
3.0 to 5.5
0.1
0.47


Similar Part No. - MAX3223EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3223EAP MAXIM-MAX3223EAP Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3223EAP MAXIM-MAX3223EAP Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3223EAP MAXIM-MAX3223EAP Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
More results

Similar Description - MAX3223EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com