Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4054ES5-4.2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4054ES5-4.2
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4054ES5-4.2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4054ES5-4.2 Datasheet HTML 4Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 5Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 6Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 7Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 8Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 9Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 10Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 11Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC4054-4.2/LTC4054X-4.2
405442xf
OPERATIO
The LTC4054 is a single cell lithium-ion battery charger
using a constant-current/constant-voltage algorithm. It
can deliver up to 800mA of charge current (using a good
thermal PCB layout) with a final float voltage accuracy of
±1%. The LTC4054 includes an internal P-channel power
MOSFET and thermal regulation circuitry. No blocking
diode or external current sense resistor is required; thus,
the basic charger circuit requires only two external com-
ponents. Furthermore, the LTC4054 is capable of operat-
ing from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VCC pin rises
above the UVLO threshold level and a 1% program resistor
is connected from the PROG pin to ground or when a
battery is connected to the charger output. If the BAT pin
is less than 2.9V, the charger enters trickle charge mode.
In this mode, the LTC4054 supplies approximately 1/10
the programmed charge current to bring the battery volt-
age up to a safe level for full current charging. (Note: The
LTC4054X does not include this trickle charge feature).
When the BAT pin voltage rises above 2.9V, the charger
enters constant-current mode, where the programmed
charge current is supplied to the battery. When the BAT
pin approaches the final float voltage (4.2V), the LTC4054
enters constant-voltage mode and the charge current
begins to decrease. When the charge current drops to
1/10 of the programmed value, the charge cycle ends.
Programming Charge Current
The charge current is programmed using a single resistor
from the PROG pin to ground. The battery charge current
is 1000 times the current out of the PROG pin. The
program resistor and the charge current are calculated
using the following equations:
R
V
I
I
V
R
PROG
CHG
CHG
PROG
==
1000
1000
,
The charge current out of the BAT pin can be determined
at any time by monitoring the PROG pin voltage using the
following equation:
I
V
R
BAT
PROG
PROG
=
•1000
Charge Termination
A charge cycle is terminated when the charge current falls
to 1/10th the programmed value after the final float voltage
is reached. This condition is detected by using an internal,
filtered comparator to monitor the PROG pin. When the
PROG pin voltage falls below 100mV1 for longer than
tTERM (typically 1ms), charging is terminated. The charge
current is latched off and the LTC4054 enters standby
mode, where the input supply current drops to 200
µA.
(Note: C/10 termination is disabled in trickle charging and
thermal limiting modes).
When charging, transient loads on the BAT pin can cause
the PROG pin to fall below 100mV for short periods of time
before the DC charge current has dropped to 1/10th the
programmed value. The 1ms filter time (tTERM) on the
termination comparator ensures that transient loads of
this nature do not result in premature charge cycle termi-
nation. Once the
average charge current drops below
1/10th the programmed value, the LTC4054 terminates
the charge cycle and ceases to provide any current through
the BAT pin. In this state, all loads on the BAT pin must be
supplied by the battery.
The LTC4054 constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.05V
recharge threshold (VRECHRG), another charge cycle be-
gins and current is once again supplied to the battery. To
manually restart a charge cycle when in standby mode, the
input voltage must be removed and reapplied, or the
charger must be shut down and restarted using the PROG
pin. Figure 1 shows the state diagram of a typical charge
cycle.
Charge Status Indicator (CHRG)
The charge status output has three different states: strong
pull-down (~10mA), weak pull-down (~20
µA) and high
impedance. The strong pull-down state indicates that the
LTC4054 is in a charge cycle. Once the charge cycle has
terminated, the pin state is determined by undervoltage
Note 1: Any external sources that hold the PROG pin above 100mV will prevent the LTC4054
from terminating a charge cycle.


Similar Part No. - LTC4054ES5-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4054 LINEAR-LTC4054 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4054 LINER-LTC4054 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4054 LINER-LTC4054 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4054 LINER-LTC4054 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LTC4054ES5-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
   800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com