Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4054ES5-4.2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4054ES5-4.2
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4054ES5-4.2 Datasheet(HTML) 1 Page - Linear Technology

  LTC4054ES5-4.2 Datasheet HTML 1Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 2Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 3Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 4Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 5Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 6Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 7Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 8Page - Linear Technology LTC4054ES5-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC4054-4.2/LTC4054X-4.2
405442xf
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Standalone Linear
Li-Ion Battery Charger with
Thermal Regulation in ThinSOT
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Programmable Charge Current Up to 800mA
s
No MOSFET, Sense Resistor or Blocking
Diode Required
s
Complete Linear Charger in ThinSOT
TM Package for
Single Cell Lithium-Ion Batteries
s
Constant-Current/Constant-Voltage Operation with
Thermal Regulation* to Maximize Charge Rate
Without Risk of Overheating
s
Charges Single Cell Li-Ion Batteries Directly
from USB Port
s
Preset 4.2V Charge Voltage with
±1% Accuracy
s
Charge Current Monitor Output for Gas
Gauging*
s
Automatic Recharge
s
Charge Status Output Pin
s
C/10 Charge Termination
s
25
µA Supply Current in Shutdown
s
2.9V Trickle Charge Threshold (LTC4054)
s
Available Without Trickle Charge (LTC4054X)
s
Soft-Start Limits Inrush Current
s
Available in 5-Lead SOT-23 Package
s
Cellular Telephones, PDAs, MP3 Players
s
Charging Docks and Cradles
s
Bluetooth Applications
ThinSOT is a trademark of Linear Technology Corporation.
*U.S.Patent No. 6,522,118
The LTC
®4054 is a complete constant-current/constant-
voltage linear charger for single cell lithium-ion batteries.
Its ThinSOT package and low external component count
make the LTC4054 ideally suited for portable applications.
Furthermore, the LTC4054 is specifically designed to work
within USB power specifications.
No external sense resistor is needed, and no blocking
diode is required due to the internal MOSFET architecture.
Thermal feedback regulates the charge current to limit the
die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V,
and the charge current can be programmed externally with
a single resistor. The LTC4054 automatically terminates
the charge cycle when the charge current drops to 1/10th
the programmed value after the final float voltage is
reached.
When the input supply (wall adapter or USB supply) is
removed, the LTC4054 automatically enters a low current
state, dropping the battery drain current to less than 2
µA.
The LTC4054 can be put into shutdown mode, reducing
the supply current to 25
µA.
Other features include charge current monitor, undervoltage
lockout, automatic recharge and a status pin to indicate
charge termination and the presence of an input voltage.
600mA Single Cell Li-Ion Charger
VCC
1.65k
4.2V
Li-Ion
BATTERY
405442 TA01a
LTC4054-4.2
1
µF
VIN
4.5V TO 6.5V
BAT
4
3
5
2
PROG
GND
600mA
Complete Charge Cycle (750mAh Battery)
TIME (HOURS)
0
1.5
405442 TAO1b
0.5
1.0
2.0
700
600
500
400
300
200
100
0
4.75
4.50
4.25
4.00
3.75
3.50
3.25
3.00
0.25
0.75
1.25
1.75
CONSTANT
POWER
CONSTANT
VOLTAGE
CONSTANT
CURRENT
CHARGE
TERMINATED
VCC = 5V
θJA = 130°C/W
RPROG = 1.65k
TA = 25°C


Similar Part No. - LTC4054ES5-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4054 LINEAR-LTC4054 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4054 LINER-LTC4054 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4054 LINER-LTC4054 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4054 LINER-LTC4054 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LTC4054ES5-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
   800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com