Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF822 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BF822
Description  NPN General Purpose Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BF822 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BF822 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BF822 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BF822 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BL Galaxy Electrical
Production specification
NPN General Purpose Amplifier
BF820/BF822
Document number: BL/SSSTC107
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA IE=0
BF820
BF822
300
250
V
Collector-emitter breakdown
voltage
V(BR)CEO
IC=1mA IB=0
BF820
B
BF822
300
250
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA IC=0
5
V
Collector cut-off current
ICBO
VCB=200V IE=0
10
n
A
Emitter cut-off current
IEBO
VEB=5V IC=0
50
n
A
DC current gain
hFE
VCE=20V IC=25mA
50
Collector-emitter saturation voltage VCE(sat)
IC=30mA IB=5mA
B
0.6
V
Transition frequency
fT
VCE=10V
IC=10mA
f=100MHz
60
MHz
Feedback capacitance
Cre
VCB=30V IC=0 f=100MHz
1.6
pF
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOT-23
Dim
Min
Max
A
2.85
2.95
B
1.25
1.35
C
1.0Typical
D
0.37
0.43
E
0.35
0.48
G
1.85
1.95
H
0.02
0.1
J
0.1Typical
K
2.35
2.45
All Dimensions in mm
D
C
B
A
G
K
H
J
E


Similar Part No. - BF822

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF822 PHILIPS-BF822 Datasheet
41Kb / 8P
   NPN high-voltage transistors
1999 Apr 15
logo
Nexperia B.V. All right...
BF822 NEXPERIA-BF822 Datasheet
205Kb / 7P
   NPN high voltage transistor
1 January 2023
logo
General Semiconductor
BF822 GE-BF822 Datasheet
49Kb / 2P
   Small Signal Transistors (NPN)
logo
Nanjing International G...
BF822 DGNJDZ-BF822 Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
BF822 DIOTEC-BF822 Datasheet
169Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BF822

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com