Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7250 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L7250
Description  5V & 12V SPINDLE AND VCM MOTORS DRIVER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7250 Datasheet(HTML) 2 Page - STMicroelectronics

  L7250 Datasheet HTML 1Page - STMicroelectronics L7250 Datasheet HTML 2Page - STMicroelectronics L7250 Datasheet HTML 3Page - STMicroelectronics L7250 Datasheet HTML 4Page - STMicroelectronics L7250 Datasheet HTML 5Page - STMicroelectronics L7250 Datasheet HTML 6Page - STMicroelectronics L7250 Datasheet HTML 7Page - STMicroelectronics L7250 Datasheet HTML 8Page - STMicroelectronics L7250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
L7250
2/46
PIN CONNECTION (Top view)
PIN DESCRIPTION
Pin
V
Description
1
VCV1
S12
12V power supply
2
VCV2
S12
12V power supply and POR sensing threshold
3
VCMP1
O12
VCM positive output
4
VCMP2
O12
VCM positive output
5
VCMGND1
gnd
VCM power ground
6
VCMGND2
gnd
VCM power ground
7
CPOSC
O12
Charge pump oscillator
8
VCC5
S5
5V power supply
9
DIG_GND
gnd
Digital & Switching regulator ground
10
N_DRV
O5
Neg Reg ext FET gate driver
11
N_FEED
I5
Neg Reg feedback
12
N_COMP
IO5
Neg Reg error output
04
05
06
07
08
09
10
11
12
13
14
15
16
03
01
02
45
44
43
42
41
40
39
38
37
36
35
34
33
46
48
47
VCV1
VCV2
VCMP1
VCMP2
VCMGND1
VCMGND2
CPOSC
VCC5
DIG_GND
N_DRV
N_FEED
N_COMP
25_BASE
25_FEED
33_BASE
33_FEED
RSEN2
RSEN1
VCMN2
VCMN1
VCMGND4
VCMGND3
SNS_N
SNS_P
SNS_OUT
ERR_OUT
ERR_IN
DAC_OUT
SEN
SCLK
SDATA
SYSClk


Similar Part No. - L7250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
   MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
logo
Intel Corporation
L7200 INTEL-L7200 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
STMicroelectronics
L7203 STMICROELECTRONICS-L7203 Datasheet
170Kb / 13P
   SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
L7203S STMICROELECTRONICS-L7203S Datasheet
170Kb / 13P
   SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
   Dual mode disk drive spindle and VCM motor driver
More results

Similar Description - L7250

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
   Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
logo
List of Unclassifed Man...
LD7000 ETC-LD7000 Datasheet
29Kb / 2P
   Spindle/VCM Controller and Pre-driver
logo
Hitachi Semiconductor
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
   Combo (Spindle & VCM) Driver
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
April 1999
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
logo
Hitachi Semiconductor
HA13571FR HITACHI-HA13571FR Datasheet
103Kb / 22P
   Combo (Spindle & VCM) Driver for HDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com