Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97645AIRZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL97645AIRZ-T
Description  Boost VON Slice VCOM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97645AIRZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL97645AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL97645AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL97645AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL97645AIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL97645AIRZ-T Datasheet HTML 9Page - Intersil Corporation ISL97645AIRZ-T Datasheet HTML 10Page - Intersil Corporation ISL97645AIRZ-T Datasheet HTML 11Page - Intersil Corporation ISL97645AIRZ-T Datasheet HTML 12Page - Intersil Corporation ISL97645AIRZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN6353.0
July 2, 2007
Operation
The boost converter is a current mode PWM converter
operating at either a 650kHz or 1.2MHz. It can operate in
both discontinuous conduction mode (DCM) at light load and
continuous mode (CCM). In continuous current mode,
current flows continuously in the inductor during the entire
switching cycle in steady state operation. The voltage
conversion ratio in continuous current mode is given by
Equation 1:
Where D is the duty cycle of the switching MOSFET.
Figure 12 shows the block diagram of the boost regulator. It
uses a summing amplifier architecture consisting of gm
stages for voltage feedback, current feedback and slope
compensation. A comparator looks at the peak inductor
current cycle by cycle and terminates the PWM cycle if the
current limit is reached.
An external resistor divider is required to divide the output
voltage down to the nominal reference voltage. Current
drawn by the resistor network should be limited to maintain
the overall converter efficiency. The maximum value of the
resistor network is limited by the feedback input bias current
and the potential for noise being coupled into the feedback
pin. A resistor network in the order of 60k
Ω is recommended.
The boost converter output voltage is determined by
Equation 2:
The current through the MOSFET is limited to 2.6APEAK.
This restricts the maximum output current (average) based
on Equation 3:
Where
ΔI
L is peak to peak inductor ripple current, and is set
by Equation 4:
where fS is the switching frequency (650kHz or 1.2MHz).
Table 2 gives typical values (margins are considered 10%,
3%, 20%, 10% and 15% on VIN, VO, L, fS and IOMAX).
Capacitor
An input capacitor is used to suppress the voltage ripple
injected into the boost converter. The ceramic capacitor with
capacitance larger than 10µF is recommended. The voltage
rating of input capacitor should be larger than the maximum
input voltage. Some capacitors are recommended in Table 1
for input capacitor.
V
Boost
V
IN
-------------------
1
1D
-------------
=
(EQ. 1)
V
Boost
R
1
R
2
+
R
2
---------------------
V
FB
×
=
(EQ. 2)
TABLE 1. BOOST CONVERTER INPUT CAPACITOR
RECOMMENDATION
CAPACITOR
SIZE
MFG
PART NUMBER
10µF/16V
1206
TDK
C3216X7R1C106M
10µF/10V
0805
Murata
GRM21BR61A106K
22µF/10V
1210
Murata
GRB32ER61A226K
I
OMAX
I
LMT
ΔI
L
2
--------
⎝⎠
⎛⎞ VIN
V
O
---------
×
=
(EQ. 3)
ΔI
L
V
IN
L
---------
D
f
s
----
×
=
(EQ. 4)
TABLE 2. MAXIMUM OUTPUT CURRENT CALCULATION
VIN (V)
VO (V)
L (µH)
FS (MHz)
IOMAX (mA)
3
9
10
0.65
636
3
12
10
0.65
419
3
15
10
0.65
289
5
9
10
0.65
1060
5
12
10
0.65
699
5
15
10
0.65
482
5
18
10
0.65
338
3
9
10
1.2
742
3
12
10
1.2
525
3
15
10
1.2
395
5
9
10
1.2
1236
5
12
10
1.2
875
5
15
10
1.2
658
5
18
10
1.2
514
ISL97645A


Similar Part No. - ISL97645AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97645AIRZ INTERSIL-ISL97645AIRZ Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
logo
Renesas Technology Corp
ISL97645AIRZ RENESAS-ISL97645AIRZ Datasheet
970Kb / 16P
   Boost VON Slice VCOM Reset
More results

Similar Description - ISL97645AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
   Boost VON Slice VCOM
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
   Boost VON Slice VCOM
logo
Renesas Technology Corp
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
   Boost VON Slice VCOM
December 14, 2007
ISL97644 RENESAS-ISL97644 Datasheet
855Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97644 INTERSIL-ISL97644_07 Datasheet
448Kb / 15P
   Boost LDO VON Slice VCOM
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
ISL97646 INTERSIL-ISL97646_07 Datasheet
453Kb / 15P
   Boost LDO VON Slice VCOM
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97645A RENESAS-ISL97645A Datasheet
970Kb / 16P
   Boost VON Slice VCOM Reset
logo
Intersil Corporation
ISL97646 INTERSIL-ISL97646 Datasheet
446Kb / 15P
   Boost LDO VON Slice VCOM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com