Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97632IRT14Z-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL97632IRT14Z-T
Description  White LED Driver with Digital Dimming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97632IRT14Z-T Datasheet(HTML) 8 Page - Intersil Corporation

  ISL97632IRT14Z-T Datasheet HTML 1Page - Intersil Corporation ISL97632IRT14Z-T Datasheet HTML 2Page - Intersil Corporation ISL97632IRT14Z-T Datasheet HTML 3Page - Intersil Corporation ISL97632IRT14Z-T Datasheet HTML 4Page - Intersil Corporation ISL97632IRT14Z-T Datasheet HTML 5Page - Intersil Corporation ISL97632IRT14Z-T Datasheet HTML 6Page - Intersil Corporation ISL97632IRT14Z-T Datasheet HTML 7Page - Intersil Corporation ISL97632IRT14Z-T Datasheet HTML 8Page - Intersil Corporation ISL97632IRT14Z-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN9239.3
February 22, 2008
Converter) topology, (shown in Figure ), can be considered
for such an application. A single cell Li-Ion battery
operating a cellphone backlight or flashlight is one
example. The battery voltage is between 2.5V and 4.2V
depending on the state of charge. On the other hand, the
output may require only one 3V to 4V medium power LED
for illumination because the light guard of the backlight
assembly is optimized or it is a cost efficiency trade off
reason.
In fact, a SEPIC configured LED driver is flexible enough to
allow the output to be well above or below the input voltage,
unlike the previous example. Another example is when the
number of LEDs and input requirements are different from
platform to platform, a common circuit and PCB that fit all the
platforms, in some cases, may be beneficial enough that it
outweights the disadvantage of adding additional component
cost. L1 and L2 can be a coupled inductor in one package.
The simplest way to understand SEPIC topology is to think
about it as a boost regulator in which the input voltge is level
shifted downward at the same magnitude and the lowest
reference level starts at -VIN rather than 0V.
The SEPIC works as follows; assume the circuit in Figure 10
operates normally when the ISL97632 internal switch opens
and it is in the PWM off state after a short duration where few
LC time constants elapsed, the circuit is considered in the
steady-state within the PWM off period that L1 and L2 are
shorted. VB is therefore shorted to the ground and C3 is
charged to VIN with VA = VIN. When the ISL97632 internal
switch closes and the circuit is in the PWM on state, VA is
now pulled to ground. Since the voltage in C3 cannot be
changed instantenously, VB is shifted downward and
becomes -VIN. The next cycle when the ISL97632 switch
opens, VB boosts up to the targetted output like the standard
boost regulator operation, except the lowest reference point
is at -VIN. The output is approximated as:
where D is the on-time of the PWM duty cycle.
The convenience of SEPIC comes with some trade off in
addition to the additional L and C costs. The efficiency is
usually lowered because of the relatively large efficiency
loss through the Schottky diode if the output voltage is low.
The L2 series resistance also contributes additional loss.
Figure 11 shows the efficiency measurement of a single LED
application as the input varies between 2.7V and 4.2V.
Note, VB is considered the level-shifted LX node of a
standard boost regulator. The higher the input voltage, the
lower the VB voltage will be during PWM on period. The
result is that the efficiency will be lower at higher input
voltages because the SEPIC has to work harder to boost up
to the required level. This behavior is the opposite to the
standard boost regulator’s and the comparison is shown in
Figure 11.
PCB Layout Considerations
The layout is very important for the converter to function
properly. RSET must be located as close as possible to the FB
and GND pins. Longer traces to the LEDs are acceptable.
Similarly, the supply decoupling cap and the output filter cap
should be as close as possible to the VIN and VOUT pins.
The heat of the IC is mainly dissipated through the thermal
pad of the package. Maximize the copper area connected to
this pad if possible. In addition, a solid ground plane is always
helpful for the EMI performance.
C1
L1
22µ
1
2
VA
VB
VIN = 2.7V to 5.5V
22µ
L2
C3
C4
0.22µ
D1
R1
1
Ω
C2
0.1µ
VIN
EN
SDIN
LX
VOUT
FBSW
FB
GND
FIGURE 10. SEPIC LED DRIVER
V
OUT
V
IN
D
1D
()
------------------
=
(EQ. 5)
VIN = 2.7V
VIN = 4.2V
1 LED
L1 = L2 = 22µH
C3 = 1µF
R1 = 4.7
Ω
0
5
10
15
20
ILED (mA)
76
72
68
64
60
FIGURE 11. EFFICIENCY MEASUREMENT OF A SINGLE LED
SEPIC DRIVER
ISL97632


Similar Part No. - ISL97632IRT14Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97632IRT14Z-T INTERSIL-ISL97632IRT14Z-T Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632IRT14Z-TK INTERSIL-ISL97632IRT14Z-TK Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
More results

Similar Description - ISL97632IRT14Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
logo
New Japan Radio
NJU6051 NJRC-NJU6051 Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
NJU6052 NJRC-NJU6052 Datasheet
209Kb / 23P
   White LED Driver with Automatic Dimming Control
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Fitipower Integrated Te...
FP6745 FITIPOWER-FP6745 Datasheet
633Kb / 11P
   High-Efficiency, 40V White LED Driver with Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com