Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97634IRT14Z-TK Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL97634IRT14Z-TK
Description  White LED Driver with Wide PWM Dimming Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97634IRT14Z-TK Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL97634IRT14Z-TK Datasheet HTML 2Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 3Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 4Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 5Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 6Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 7Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 8Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 9Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FN6264.3
March 7, 2008
only rated for the required voltage range can therefore be
used, which will optimize the component costs in some cases.
Shutdown
When PWM/EN is taken low the ISL97634 enters into the
power-down mode where the supply current is reduced to
less than 1µA. The device resumes normal when the
PWM/EN goes high.
Components Selection
The input capacitance is typically 0.22µF. The output
capacitor should be in the range of 0.22µF to 1µF. X5R or
X7R type of ceramic capacitors of the appropriate voltage
rating are recommended.
When choosing an inductor, make sure the average and
peak current ratings are adequate by using Equations 3, 4 and
5 (80% efficiency assumed):
Where:
ΔIL is the peak-to-peak inductor current ripple in Amps
• L is the inductance in H
•fOSC is the switching frequency, typically 1.45MHz
The ISL97634 supports a wide range of inductance values
(10µH to ~82µH). For lower inductor values or lighter loads,
the boost inductor current may become discontinuous. For
high boost inductor values, the boost inductor current will be
in continuous mode.
In addition to the inductor value and switching frequency, the
input voltage, number of LEDs and the LED current also
affects whether the converter operates in continuous
conduction or discontinuous conduction mode.
Both operating modes are allowed and normal. The
discontinuous conduction mode yields lower efficiency due
to higher peak current.
Compensation
The product of the output capacitor and the load create a
pole while the inductor creates a right half plane zero. Both
of these attributes degrade the phase margin but the
ISL97634 has internal compensation network that ensures
the device operates reliably under the specified conditions.
The internal compensation and the highly integrated
functions of the ISL97634 make it a design friendly device to
be used in high volume, high reliability applications.
Applications
Analog Dimming
Analog dimming is usually not recommended because of the
brightness non-linearity at low levels dimming. However,
some systems are EMI or noise sensitive that analog
dimming may be more suitable than PWM dimming under
those situations. The ISL97632 is part of the same family as
the ISL97634 and has been designed with a serial interface
to give access to 32 separate dimming levels. Alternatively
analog dimming can be achieved by applying a variable DC
voltage (VDim) at FB pin (see Figure 14) to adjust the LED
current. As the DC dimming signal voltage increases above
VFB, the voltages drop on R1 and R2 increase and the
voltage drop on RSET decreases. Thus, the LED current
decreases as shown in Equation 6:
If VDIM is taken below FB, the inverse will happen and the
brightness will increase.
The DC dimming signal voltage can be a variable DC voltage
from a POT, a DCP (Digitally Controlled Potentiometer), or a
DC voltage generated by filtering a high frequency PWM
control signal.
As brightness is directly proportional to LED currents, VDim
may be calculated for any desired “relative brightness” (F)
using Equation 7:
Where F = ILED (dimmed)/ILED (undimmed).
TABLE 1.
PART NO.
OVP
MAX NO. OF
LEDS
MAX ILED
ISL97634IRT14Z
14V
3
70mA
ISL97634IRT18Z
18V
4
50mA
ISL97634IRT26Z
26V
7
30mA
I
LAVG
I
LED VOUT
0.8 V
IN
---------------------------------
=
(EQ. 3)
I
LPK
I
LAVG
1
2
---
I
L
Δ
+
=
(EQ. 4)
I
L
Δ
V
IN
V
OUT
V
IN
()
LV
OUT fOSC
⋅⋅
---------------------------------------------------
=
(EQ. 5)
I
LED
V
FB
R
1
R
2
+
() V
Dim R1
R
2 R
SET
--------------------------------------------------------------------------
=
(EQ. 6)
FIGURE 14. ANALOG DIMMING CONTROL APPLICATION
CIRCUIT
ISL97634
C1
VIN
LX
PWM
FB
GND
L1
22µH
C2
0.22µF
RSET
4.75
Ω
LEDs
1µF
LX
VIN
3.3V
R1
R2
VDim
VOUT
3.3k
V
Dim
R
2
R
1
------- V
FB
1
R
1
R
2
-------
F
+
⎝⎠
⎜⎟
⎛⎞
⋅⋅
=
(EQ. 7)
ISL97634


Similar Part No. - ISL97634IRT14Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634IRT14Z-TK INTERSIL-ISL97634IRT14Z-TK Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634IRT14Z-TK INTERSIL-ISL97634IRT14Z-TK Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
logo
Renesas Technology Corp
ISL97634IRT14Z-TK RENESAS-ISL97634IRT14Z-TK Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
More results

Similar Description - ISL97634IRT14Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
BCD Semiconductor Manuf...
AP3605 BCDSEMI-AP3605_10 Datasheet
702Kb / 13P
   4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com