Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59481 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL59481
Description  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59481 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL59481 Datasheet HTML 1Page - Intersil Corporation ISL59481 Datasheet HTML 2Page - Intersil Corporation ISL59481 Datasheet HTML 3Page - Intersil Corporation ISL59481 Datasheet HTML 4Page - Intersil Corporation ISL59481 Datasheet HTML 5Page - Intersil Corporation ISL59481 Datasheet HTML 6Page - Intersil Corporation ISL59481 Datasheet HTML 7Page - Intersil Corporation ISL59481 Datasheet HTML 8Page - Intersil Corporation ISL59481 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6208.4
May 18, 2007
Pinout
ISL59481
(48 LD QFN)
TOP VIEW
Functional Diagram ISL59481
36
35
34
33
32
31
30
1
2
3
4
5
6
7
OUTC1
OUTB1
V1-
OUTA1
V1+
EN1
HIZ1
EN2
GND
IN1C2
IN1B2
IN1A2
GND
IN0A2
8
9
29
28
IN0B2
IN0C2
IN0C1
IN0B1
27 HIZ2
26
25 V2+
10
IN0A1
11
12
GND
IN1A1B
IN2A2
+1
+1
+1
+1
+1
+1
0
0
0
0
0
0
THERMAL
PAD
PAD MUST BE TIED TO V-
THERMAL PAD INTERNALLY
CONNECTED TO V-
DECODE1
IN0(A1, B1, C1)
IN1(A1, B1, C1)
IN2(A1, B1, C1)
IN3(A1, B1, C1)
S0-1
S1-1
EN0-1
EN3-1
EN2-1
OUT(A1, B1, C1)
HIZ1
EN1
AMPLIFIER1 BIAS
EN1-1
DECODE2
IN0(A2, B2, C2)
IN1(A2, B2, C2)
IN2(A2, B2, C2)
IN3(A2, B2, C2)
S0-2
S1-2
EN0-2
EN3-2
EN2-2
OUT(A2, B2, C2)
HIZ2
EN2
AMPLIFIER2 BIAS
EN1-2


Similar Part No. - ISL59481

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481EVAL1Z RENESAS-ISL59481EVAL1Z Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59481IRZ INTERSIL-ISL59481IRZ Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481IRZ RENESAS-ISL59481IRZ Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

Similar Description - ISL59481

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com