Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST3125 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FST3125
Description  4-Bit Bus Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3125 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FST3125_08 Datasheet HTML 1Page - Fairchild Semiconductor FST3125_08 Datasheet HTML 2Page - Fairchild Semiconductor FST3125_08 Datasheet HTML 3Page - Fairchild Semiconductor FST3125_08 Datasheet HTML 4Page - Fairchild Semiconductor FST3125_08 Datasheet HTML 5Page - Fairchild Semiconductor FST3125_08 Datasheet HTML 6Page - Fairchild Semiconductor FST3125_08 Datasheet HTML 7Page - Fairchild Semiconductor FST3125_08 Datasheet HTML 8Page - Fairchild Semiconductor FST3125_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3125 • Rev. 1.0.3
5
AC Loadings and Waveforms
Notes: Input driven by 50
Ω source terminated in 50Ω.
CL includes load and stray capacitance.
Input PRR = 1.0MHz, tw = 500ns.
Figure 4. AC Test Circuit
Figure 5. AC Waveforms


Similar Part No. - FST3125_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3125 FAIRCHILD-FST3125_05 Datasheet
123Kb / 6P
   4-Bit Bus Switch
More results

Similar Description - FST3125_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST3125 IDT-IDT74FST3125 Datasheet
73Kb / 5P
   4-BIT BUS SWITCH
logo
NXP Semiconductors
74CBTLV3126 PHILIPS-74CBTLV3126_15 Datasheet
162Kb / 17P
   4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3126 ONSEMI-FST3126_17 Datasheet
83Kb / 7P
   4-Bit Bus Switch
December, 2017 ??Rev. 0
74FST3126 ONSEMI-74FST3126_13 Datasheet
126Kb / 7P
   4-Bit Bus Switch
July, 2013 ??Rev. P1
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126_05 Datasheet
119Kb / 5P
   4-Bit Bus Switch
logo
ON Semiconductor
74FST3126 ONSEMI-74FST3126 Datasheet
80Kb / 8P
   4-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3126MX FAIRCHILD-FST3126MX Datasheet
121Kb / 6P
   4-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV3125 PHILIPS-74CBTLV3125_15 Datasheet
163Kb / 17P
   4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3125 ONSEMI-FST3125 Datasheet
124Kb / 7P
   4-Bit Bus Switch
June, 2013 ??Rev. 0
FST3126 ONSEMI-FST3126 Datasheet
126Kb / 7P
   4-Bit Bus Switch
July, 2013 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com