Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP75-48S12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TP75-48S12
Description  37 TO 75 WATT WIDE INPUT DC/DC-CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TP75-48S12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TP75-48S12 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP75-48S12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNO-PROJEKT GmbH
4
41
1
37 TO 75 WATT WIDE INPUT
DC/DC-CONVERTER
TP75/TP75W-SERIES
n
37-75 Watt 2.4x2.3 Inch (61x58mm) Metal Case
n
Half-Brick Size - Industrial Standard
n
2:1/4:1 Input Voltage Range
= 9-18 / 18-36 / 36-75 / 18-75 VDC
n
Single & Dual Output Voltage
n
Isolation 1.500VDC
n
400kHz Switching Frequency
n
Continuous Short Circuit Protection
n
Remote ON/OFF-Control
n
Efficiency to 85%
MODEL-
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
EFF.
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD/FULL LOAD
%
TP75-12S2.5
9-18VDC
2.5VDC
15A
50/4110mA
76
TP75-12S3.3
9-18VDC
3.3VDC
15A
50/5290mA
78
TP75-12S05
9-18VDC
5VDC
15A
50/7715mA
81
TP75-12S12
9-18VDC
12VDC
6.25A
50/7440mA
84
TP75-12S15
9-18VDC
15VDC
5A
50/7440mA
84
TP75-12S24
9-18VDC
24VDC
3.13A
50/7440mA
84
TP75-24S2.5
18-36VDC
2.5VDC
15A
50/2029mA
77
TP75-24S3.3
18-36VDC
3.3VDC
15A
50/2610mA
79
TP75-24S05
18-36VDC
5VDC
15A
50/3810mA
82
TP75-24S12
18-36VDC
12VDC
6.25A
50/3675mA
85
TP75-24S15
18-36VDC
15VDC
5A
50/3675mA
85
TP75-24S24
18-36VDC
24VDC
3.13A
50/3640mA
86
TP75-48S2.5
36-75VDC
2.5VDC
15A
50/1015mA
77
TP75-48S3.3
36-75VDC
3.3VDC
15A
50/1305mA
79
TP75-48S05
36-75VDC
5VDC
15A
50/1883mA
83
TP75-48S12
36-75VDC
12VDC
6.25A
50/1838mA
85
TP75-48S15
36-75VDC
15VDC
5A
50/1838mA
85
TP75-48S24
36-75VDC
24VDC
3.13A
50/1820mA
86
TP75W-48S3.3
18-75VDC
3.3VDC
15A
50/1305mA
79
TP75W-48S05
18-75VDC
5VDC
15A
50/1883mA
83
TP75W-48S12
18-75VDC
12VDC
6.25A
50/1838mA
85
TP75W-48S15
18-75VDC
15VDC
5A
50/1838mA
85
TP75W-48S24
18-75VDC
24VDC
3.13A
50/1820mA
86
Nominal Input Voltages: 12/24/48VDC
© TECHNO-PROJEKT 2006


Similar Part No. - TP75-48S12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
TP75-A ASTRODYNE-TP75-A Datasheet
322Kb / 4P
   75W Triple Output with PFC Function
TP75-B ASTRODYNE-TP75-B Datasheet
322Kb / 4P
   75W Triple Output with PFC Function
TP75-B ASTRODYNE-TP75-B Datasheet
1Mb / 4P
   75W Triple Output with PFC Function
TP75-C ASTRODYNE-TP75-C Datasheet
322Kb / 4P
   75W Triple Output with PFC Function
TP75-C ASTRODYNE-TP75-C Datasheet
1Mb / 4P
   75W Triple Output with PFC Function
More results

Similar Description - TP75-48S12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CHB150 RSG-CHB150 Datasheet
75Kb / 2P
   75 TO 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB75W RSG-CHB75W Datasheet
1Mb / 1P
   37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB75-D RSG-CHB75-D Datasheet
1Mb / 1P
   75 WATT WIDE INPUT DC-DC CONVERTERS DUAL OUTPUT
CHB75 RSG-CHB75 Datasheet
174Kb / 5P
   37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE & DUAL OUTPUT
logo
CINCON ELECTRONICS Corp...
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
CQB75W8 CINCON-CQB75W8 Datasheet
506Kb / 7P
   75 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CHB75 CINCON-CHB75 Datasheet
183Kb / 2P
   49.5 - 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
AIMTEC
AMSR1.5-78-NZ AIMTEC-AMSR1.5-78-NZ Datasheet
266Kb / 4P
   Up to 9 .75 Watt | DC-DC Converter
logo
C&D Technologies
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WPC03R MURATA-PS-WPC03R Datasheet
189Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com