Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C1024-12H Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61C1024-12H
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C1024-12H Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61C1024-12H Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C1024-12H Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C1024-12H Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C1024-12H Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C1024-12H Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C1024-12H Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C1024-12H Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C1024-12H Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C1024-12H Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IS61C1024
IS61C1024L
4
3
SR028-1K
05/12/99
ISSI®
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
pF
COUT
Output Capacitance
VOUT = 0V
7
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25
°C, f = 1 MHz, Vcc = 5.0V.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.5
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
Com.
–2
2
µA
Ind.
–5
5
ILO
Output Leakage
GND
≤ VOUT ≤ VCC
Com.
–2
2
µA
Outputs Disabled
Ind.
–5
5
Note:
1. VIL = –3.0V for pulse width less than 10 ns.


Similar Part No. - IS61C1024-12H

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HLI ISSI-IS61C1024AL-12HLI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12J ISSI-IS61C1024AL-12J Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C1024-12H

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com