Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C1024L-20H Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61C1024L-20H
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C1024L-20H Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61C1024L-20H Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C1024L-20H Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C1024L-20H Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C1024L-20H Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C1024L-20H Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C1024L-20H Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C1024L-20H Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C1024L-20H Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C1024L-20H Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IS61C1024
IS61C1024L
128K x 8 HIGH-SPEED
CMOS STATIC RAM
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors which
may appear in this publication. © Copyright 1999, Integrated Silicon Solution, Inc.
DESCRIPTION
The
ISSI IS61C1024 and IS61C1024L are very high-speed,
low power, 131,072-word by 8-bit CMOS static RAMs. They
are fabricated using
ISSI's high-performance CMOS
technology. This highly reliable process coupled with innovative
circuit design techniques, yields higher performance and low
power consumption devices.
When
CE1 is HIGH or CE2 is LOW (deselected), the device
assumes a standby mode at which the power dissipation can
be reduced by using CMOS input levels.
Easy memory expansion is provided by using two Chip Enable
inputs,
CE1 and CE2. The active LOW Write Enable (WE)
controls both writing and reading of the memory.
The IS61C1024 and IS61C1024L are available in 32-pin
300-mil SOJ, and TSOP (Type I, 8x20), and sTSOP (Type I,
8 x 13.4) packages.
FUNCTIONAL BLOCK DIAGRAM
A0-A16
CE1
OE
WE
512 x 2048
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
CE2
FEATURES
• High-speed access time: 12, 15, 20, 25 ns
• Low active power: 600 mW (typical)
• Low standby power: 500
µW (typical) CMOS
standby
• Output Enable (
OE) and two Chip Enable
(
CE1 and CE2) inputs for ease in applications
• Fully static operation: no clock or refresh
required
• TTL compatible inputs and outputs
• Single 5V (
±10%) power supply
• Low power version available: IS61C1024L
• Commercial and industrial temperature ranges
available
MAY 1999
ISSI®
4
1
SR028-1K
05/12/99


Similar Part No. - IS61C1024L-20H

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HLI ISSI-IS61C1024AL-12HLI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12J ISSI-IS61C1024AL-12J Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C1024L-20H

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com