Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9014 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # S9014
Description  Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S9014 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  S9014 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S9014 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S9014 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited S9014 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BL Galaxy Electrical
Production specification
Silicon Epitaxial Planar Transistor
S9014
Document number: BL/SSSTC083
www.galaxycn.com
Rev.A
3
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - S9014

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9014 FAIRCHILD-S9014 Datasheet
38Kb / 4P
   Pre-Amplifier, Low Level & Low Noise
logo
Diode Semiconductor Kor...
S9014 DSK-S9014 Datasheet
259Kb / 4P
   Silicon Epitaxial Planar Transistor
logo
Dc Components
S9014 DCCOM-S9014 Datasheet
539Kb / 2P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
AUK corp
S9014 AUK-S9014 Datasheet
92Kb / 3P
   NPN Silicon Transistor
logo
Bruckewell Technology L...
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
   NPN Plastic-Encapsulate Transistors
More results

Similar Description - S9014

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC1654_0712 BILIN-2SC1654_0712 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC2411_0712 BILIN-2SC2411_0712 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com