Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2521-1 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2521-1
Description  LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2521-1 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2521-1_06 Datasheet HTML 2Page - California Eastern Labs PS2521-1_06 Datasheet HTML 3Page - California Eastern Labs PS2521-1_06 Datasheet HTML 4Page - California Eastern Labs PS2521-1_06 Datasheet HTML 5Page - California Eastern Labs PS2521-1_06 Datasheet HTML 6Page - California Eastern Labs PS2521-1_06 Datasheet HTML 7Page - California Eastern Labs PS2521-1_06 Datasheet HTML 8Page - California Eastern Labs PS2521-1_06 Datasheet HTML 9Page - California Eastern Labs PS2521-1_06 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PS2521-1,PS2521L-1
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified)
250
100
50
0
200
150
25
75
100
125
50
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
2.5 mW/˚C
150
0
100
50
25
100
75
125
50
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION vs.
AMBIENT TEMPERATURE
1.5 mW/˚C
100
0.1
1
0.01
10
0.4
1.0
1.4
1.6
0.8
1.2
0.6
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
+25 ˚C
0 ˚C
–25 ˚C
–55 ˚C
TA = +100 ˚C
+75 ˚C
+50 ˚C
70
0
60
20
50
40
30
10
61
24
8
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0
IF =
50
mA
20
mA
10
mA
5 mA
10 000
0.1
100
1 000
10
1
–60
0
40
80
–40
–20
20
60
100
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
VCE = 80 V
40 V
24 V
10 V
5 V
50
0.01
10
0.1
1
5
0.5
0.05
0.2
0.6
1.0
0.0
0.4
0.8
Collector Saturation Voltage VCE (sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
5 mA
2 mA
1 mA
IF = 50 mA
20 mA
10 mA
Remark The graphs indicate nominal characteristics.
Data Sheet PN10230EJ02V0DS
6


Similar Part No. - PS2521-1_06

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2521-1-A CEL-PS2521-1-A Datasheet
374Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2521-1_06

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2521-1 CEL-PS2521-1 Datasheet
374Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2521-1 RENESAS-PS2521-1 Datasheet
270Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2521-1 NEC-PS2521-1 Datasheet
123Kb / 12P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2625 NEC-PS2625 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2525-1 CEL-PS2525-1 Datasheet
433Kb / 15P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2525-1 RENESAS-PS2525-1 Datasheet
274Kb / 14P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2525-1 NEC-PS2525-1 Datasheet
130Kb / 12P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1_15 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2505-1 CEL-PS2505-1 Datasheet
217Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1_15 Datasheet
262Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com