Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2588SX-12 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2588SX-12
Description  SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2588SX-12 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2588SX-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2588SX-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2588SX-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2588SX-12 Datasheet HTML 9Page - National Semiconductor (TI) LM2588SX-12 Datasheet HTML 10Page - National Semiconductor (TI) LM2588SX-12 Datasheet HTML 11Page - National Semiconductor (TI) LM2588SX-12 Datasheet HTML 12Page - National Semiconductor (TI) LM2588SX-12 Datasheet HTML 13Page - National Semiconductor (TI) LM2588SX-12 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Test Circuits
01242021
CIN1 — 100 µF, 25V Aluminum ElectrolyticCIN2 — 0.1 µF CeramicT — 22 µH, 1:1 Schott #67141450D — 1N5820COUT — 680 µF, 16V Aluminum
ElectrolyticCC — 0.47 µF CeramicRC —2k
FIGURE 1. LM2588-3.3 and LM2588-5.0
01242022
CIN1 — 100 µF, 25V Aluminum ElectrolyticCIN2 — 0.1 µF CeramicL — 15 µH, Renco #RL-5472-5D — 1N5820COUT — 680 µF, 16V Aluminum
ElectrolyticCC — 0.47 µF CeramicRC — 2kFor 12V Devices: R1 = Short (0Ω) andR2 = OpenFor ADJ Devices: R1 = 48.75k, ±0.1% andR2 = 5.62k, ±0.1%
FIGURE 2. LM2588-12 and LM2588-ADJ
www.national.com
10


Similar Part No. - LM2588SX-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2588SX-12 NSC-LM2588SX-12 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
logo
Texas Instruments
LM2588SX-12/NOPB TI1-LM2588SX-12/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
LM2588SX-12/NOPB TI1-LM2588SX-12/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
More results

Similar Description - LM2588SX-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
logo
Texas Instruments
LM2585 TI-LM2585_15 Datasheet
3Mb / 32P
[Old version datasheet]   LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com