Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008CS-100E_TS Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 1008CS-100E_TS
Description  WIRE-WOUND CHIP INDUCTOR - CERAMIC/OPEN TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

1008CS-100E_TS Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  1008CS-100E_TS Datasheet HTML 1Page - Delta Electronics, Inc. 1008CS-100E_TS Datasheet HTML 2Page - Delta Electronics, Inc. 1008CS-100E_TS Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WIRE-WOUND CHIP INDUCTOR – CERAMIC/OPEN TYPE
1008CS (2520) Series (5.6 nH~15000 nH)
Color
Part
Number
Inductance
nH
Percent
Tolerance
Q Min
SRF Min
MHz
RDC Max
Ohms
IDC Max
mA
Code
*1008CS-5N6E_TS
5.6 @ 50MHz
10,5
50 @ 1500MHz
4000
0.15
1000
Black
*1008CS-100E_TS
10.0 @ 50MHz
10,5,2
50 @ 500MHz
4100
0.08
1000
Brown
*1008CS-120E_TS
12.0@ 50MHz
10,5,2
50 @ 500MHz
3300
0.09
1000
Red
*1008CS-150E_TS
15.0 @ 50MHz
10,5,2
50 @ 500MHz
2500
0.11
1000
Orange
*1008CS-180E_TS
18.0 @ 50MHz
10,5,2
50 @ 350MHz
2400
0.12
1000
Yellow
*1008CS-220E_TS
22.0 @ 50MHz
10,5,2
55 @ 350MHz
2400
0.12
1000
Green
1008CS-240E_TS
24.0 @ 50MHz
10,5,2
55 @ 350MHz
1900
0.12
1000
Blue
*1008CS-270E_TS
27.0 @ 50MHz
10,5,2
55 @ 350MHz
1600
0.13
1000
Violet
*1008CS-330E_TS
33.0 @ 50MHz
10,5,2
60 @ 350MHz
1600
0.14
1000
Gray
1008CS-360E_TS
36.0 @ 50MHz
10,5,2
60 @ 350MHz
1600
0.15
1000
Orange
*1008CS-390E_TS
39.0 @ 50MHz
10,5,2
60 @ 350MHz
1500
0.15
1000
White
*1008CS-470E_TS
47.0 @ 50MHz
10,5,2
65 @ 350MHz
1500
0.16
1000
Black
*1008CS-560E_TS
56.0 @ 50MHz
10,5,2
65 @ 350MHz
1300
0.18
1000
Brown
*1008CS-620E_TS
62.0 @ 50MHz
10,5,2
65 @ 350MHz
1250
0.20
1000
Blue
*1008CS-680E_TS
68.0 @ 50MHz
10,5,2
65 @ 350MHz
1300
0.20
1000
Red
1008CS-750E_TS
75.0 @ 50MHz
10,5,2
60 @ 350MHz
1100
0.21
1000
White
*1008CS-820E_TS
82.0 @ 50MHz
10,5,2
60 @ 350MHz
1000
0.22
1000
Orange
*1008CS-101E_TS
100.0 @ 25MHz
10,5,2
60 @ 350MHz
1000
0.56
650
Yellow
*1008CS-121E_TS
120.0 @ 25MHz
10,5,2
60 @ 350MHz
950
0.63
650
Green
*1008CS-151E_TS
150.0 @ 25MHz
10,5,2
45 @ 100MHz
850
0.70
800
Blue
*1008CS-181E_TS
180.0 @ 25MHz
10,5,2
45 @ 100MHz
750
0.77
620
Violet
*1008CS-221E_TS
220.0 @ 25MHz
10,5,2
45 @ 100MHz
700
0.84
500
Gray
*1008CS-241E_TS
240.0 @ 25MHz
10,5,2
45 @ 100MHz
650
0.88
500
White
*1008CS-271E_TS
270.0 @ 25MHz
10,5,2
45 @ 100MHz
600
0.91
690
Black
*1008CS-301E_TS
300.0 @ 25MHz
10,5,2
45 @ 100MHz
585
1.00
450
Brown
*1008CS-331E_TS
330.0 @ 25MHz
10,5,2
45 @ 100MHz
570
1.05
450
Red
*1008CS-361E_TS
360.0 @ 25MHz
10,5,2
45 @ 100MHz
530
1.10
470
Orange
*1008CS-391E_TS
390.0 @ 25MHz
10,5,2
45 @ 100MHz
500
1.12
630
Yellow
*1008CS-431E_TS
430.0 @ 25MHz
10,5,2
45 @ 100MHz
480
1.15
470
Green
*1008CS-471E_TS
470.0 @ 25MHz
10,5,2
45 @ 100MHz
450
1.19
470
Blue
*1008CS-561E_TS
560.0 @ 25MHz
10,5,2
45 @ 100MHz
415
1.33
580
Violet
*1008CS-621E_TS
620.0 @ 25MHz
10,5,2
45 @ 100MHz
375
1.40
300
Gray
*1008CS-681E_TS
680.0 @ 25MHz
10,5,2
45 @ 100MHz
375
1.47
540
White
*1008CS-751E_TS
750.0 @ 25MHz
10,5,2
45 @ 100MHz
360
1.54
360
Black
*1008CS-821E_TS
820.0 @ 25MHz
10,5,2
45 @ 100MHz
350
1.61
400
Brown
*1008CS-911E_TS
910.0 @ 25MHz
10,5,2
35 @ 50MHz
320
1.68
380
Red
*1008CS-102E_TS
1000.0 @ 25MHz
10,5,2
35 @ 50MHz
290
1.75
370
Orange
*1008CS-122E_TS
1200.0 @ 7.9MHz
10,5,2
35 @ 50MHz
250
2.00
310
Yellow
*1008CS-152E_TS
1500.0 @ 7.9MHz
10,5,2
28 @ 50MHz
200
2.30
330
Green
*1008CS-182E_TS
1800.0 @ 7.9MHz
10,5,2
28 @ 50MHz
160
2.60
300
Blue
*1008CS-222E_TS
2200.0 @ 7.9MHz
10,5,2
28 @ 50MHz
160
2.80
280
Violet
*1008CS-272E_TS
2700.0@ 7.9MHz
10,5,2
22 @ 25MHz
140
3.20
290
Gray
*1008CS-332E_TS
3300.0 @ 7.9MHz
10,5,2
22 @ 25MHz
110
3.40
290
White
*1008CS-392E_TS
3900.0 @ 7.9MHz
10,5,2
20 @ 25MHz
100
3.60
260
Black
*1008CS-472E_TS
4700.0 @ 7.9MHz
10,5,2
18 @ 25MHz
90
4.00
260
Brown
1008CS-562E_TS
5600.0 @ 7.9MHz
10,5,2
16 @ 7.96MHz
20
4.00
240
Red
1008CS-682E_TS
6800.0 @ 7.9MHz
10,5,2
15 @ 7.96MHz
40
4.90
200
Orange
1008CS-822E_TS
8200.0 @ 7.9MHz
10,5,2
15 @ 7.96MHz
25
6.00
170
Yellow
1008CS-103E_TS
10000 @ 2.52MHz
10,5,2
15 @ 7.96MHz
20
9.00
150
Green
1008CS-123E_TS
12000 @ 2.52MHz
10,5,2
15 @ 7.96MHz
18
10.5
130
Blue
1008CS-153E_TS
15000 @ 2.52MHz
10,5,2
15 @ 7.96MHz
15
11.5
120
Violet
Working Temperature : -40 °C ~ 125 °C
* TEST METHODS /INSTRUMENT : NOTWORK/SPECTRUM ANALYZER.


Similar Part No. - 1008CS-100E_TS

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008CS-100XFLB COILCRAFT-1008CS-100XFLB Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series (2520)
1008CS-100XFLC COILCRAFT-1008CS-100XFLC Datasheet
213Kb / 2P
   Chip Inductors 1008CS Series
1008CS-100XFLC COILCRAFT-1008CS-100XFLC Datasheet
161Kb / 2P
   Chip Inductors - 1008CS Series (2520)
1008CS-100XFLC COILCRAFT-1008CS-100XFLC Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series (2520)
1008CS-100XJBC COILCRAFT-1008CS-100XJBC Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series (2520)
More results

Similar Description - 1008CS-100E_TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
   WIRE WOUND Ceramic Chip Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH88P MURATA-LQH88P Datasheet
76Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com