Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

GE28F320C3TC70 Datasheet(HTML) 37 Page - Intel Corporation

Part No. GE28F320C3TC70
Description  Advanced Boot Block Flash Memory (C3)
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

GE28F320C3TC70 Datasheet(HTML) 37 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 68 page
background image
Intel£ Advanced+ Boot Block Flash Memory (C3)
Datasheet
37
IPPR
VPP Read Current
1,4
2
±15
2
±15
2
±15
µA
VPP VCC
50
200
50
200
50
200
µA
VPP >VCC
IPPW
VPP Program Current
1,4
0.05
0.1
0.05
0.1
0.05
0.1
mA
VPP =VPP1,
Program in
Progress
822
8
22
8
22
mA
VPP =VPP2
(12v)
Program in
Progress
IPPE
VPP Erase Current
1,4
0.05
0.1
0.05
0.1
0.05
0.1
mA
VPP =VPP1,
Erase in
Progress
822
16
45
16
45
mA
VPP =VPP2
(12v) ,
Erase in
Progress
IPPES/
IPPWS
VCC Erase Suspend
Current
1,4
0.2
5
0.2
5
0.2
5
µA
VPP =VPP1,
Program or
Erase
Suspend in
Progress
50
200
50
200
50
200
µA
VPP =VPP2
(12v) ,
Program or
Erase
Suspend in
Progress
NOTES:
1. All currents are in RMS unless otherwise noted. Typical values at nominal VCC,TA =+25 °C.
2. The test conditions VCCMax, VCCQMax, VCCMin, and VCCQMin refer to the maximum or minimum VCC or
VCCQ voltage listed at the top of each column. VCCMax = 3.3 V for 0.25µm 32-Mbit devices.
3. Automatic Power Savings (APS) reduces ICCR to approximately standby levels in static operation (CMOS
inputs).
4. Sampled, not 100% tested.
5. ICCES or ICCWS is specified with device de-selected. If device is read while in erase suspend, current draw
is sum of ICCES and ICCR. If the device is read while in program suspend, current draw is the sum of ICCWS
and ICCR.
Table 11. DC Current Characteristics (Sheet 3 of 3)
Sym
Parameter
VCC
2.7 V–3.6 V
2.7 V–2.85 V
2.7 V–3.3 V
Unit
Test
Conditions
VCCQ
2.7 V–3.6 V
1.65 V–2.5 V
1.8 V–2.5 V
Note
Typ
Max
Typ
Max
Typ
Max


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn