Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

GE28F320C3TC70 Datasheet(HTML) 41 Page - Intel Corporation

Part No. GE28F320C3TC70
Description  Advanced Boot Block Flash Memory (C3)
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

GE28F320C3TC70 Datasheet(HTML) 41 Page - Intel Corporation

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 68 page
background image
Intel£ Advanced+ Boot Block Flash Memory (C3)
Datasheet
41
Table 15. Read Operations—32 Mbit Density
#Sym
Para-
meter
Density
32 Mbit
Unit
Notes
Product
70 ns
90 ns
100 ns
110 ns
VCC
2.7 V–3.6 V
2.7 V–3.6 V
3.0 V–3.3 V
2.7 V–3.3 V
3.0 V–3.3 V
2.7 V–3.3 V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
R1
tAVAV
Read Cycle Time
70
90
90
100
100
110
ns
3,4
R2
tAVQ
V
Address to Output
Delay
70
90
90
100
100
110
ns
3,4
R3
tELQ
V
CE# to Output
Delay
70
90
90
100
100
110
ns
1,3,4
R4
tGLQ
V
OE# to Output
Delay
20
20
30
30
30
30
ns
1,3,4
R5
tPHQ
V
RP# to Output
Delay
150
150
150
150
150
150
ns
3,4
R6
tELQ
X
CE# to Output in
Low Z
0
0000
0
ns
2,3,4
R7
tGLQ
X
OE# to Output in
Low Z
0
0000
0
ns
2,3,4
R8
tEHQ
Z
CE# to Output in
High Z
20
20
20
20
20
20
ns
2,3,4
R9
tGHQ
Z
OE# to Output in
High Z
20
20
20
20
20
20
ns
2,3,4
R10
tOH
Output Hold from
Address, CE#, or
OE# Change,
Whichever
Occurs First
0
0000
0
ns
2,3,4
NOTES:
1. OE#may be delayeduptotELQV–tGLQV after the falling edge of CE# without impact on tELQV.
2. Sampled, but not 100% tested.
3. See Figure 8, “Read Operation Waveform” on page 42.
4. See Figure 11, “AC Input/Output Reference Waveform” on page 49 for timing measurements and maximum allowable
input slew rate.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn