Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97644IRZ-TK Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL97644IRZ-TK
Description  Boost LDO VON Slice VCOM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97644IRZ-TK Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL97644IRZ-TK Datasheet HTML 7Page - Intersil Corporation ISL97644IRZ-TK Datasheet HTML 8Page - Intersil Corporation ISL97644IRZ-TK Datasheet HTML 9Page - Intersil Corporation ISL97644IRZ-TK Datasheet HTML 10Page - Intersil Corporation ISL97644IRZ-TK Datasheet HTML 11Page - Intersil Corporation ISL97644IRZ-TK Datasheet HTML 12Page - Intersil Corporation ISL97644IRZ-TK Datasheet HTML 13Page - Intersil Corporation ISL97644IRZ-TK Datasheet HTML 14Page - Intersil Corporation ISL97644IRZ-TK Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN9228.1
December 14, 2007
Inductor
The boost inductor is a critical part which influences the
output voltage ripple, transient response, and efficiency.
Values of 3.3µH to 10µH are used to match the internal
slope compensation. The inductor must be able to handle
the following average and peak current:
Some inductors are recommended in Table 3.
Rectifier Diode
A high-speed diode is necessary due to the high switching
frequency. Schottky diodes are recommended because of
their fast recovery time and low forward voltage. The reverse
voltage rating of this diode should be higher than the
maximum output voltage. The rectifier diode must meet the
output current and peak inductor current requirements. The
following table is some recommendations for boost converter
diode.
Output Capacitor
The output capacitor supplies the load directly and reduces
the ripple voltage at the output. Output ripple voltage
consists of two components: the voltage drop due to the
inductor ripple current flowing through the ESR of output
capacitor, and the charging and discharging of the output
capacitor.
For low ESR ceramic capacitors, the output ripple is
dominated by the charging and discharging of the output
capacitor. The voltage rating of the output capacitor should
be greater than the maximum output voltage.
Note: Capacitors have a voltage coefficient that makes their
effective capacitance drop as the voltage across then
increases. COUT in the equation above assumes the
effective value of the capacitor at a particular voltage and not
the manufacturer’s stated value, measured at zero volts.
The following table shows some selections of output
capacitors.
Compensation
The boost converter of ISL97644 can be compensated by a
RC network connected from CM1 pin to ground. 4.7nF and
10k RC network is used in the demo board. The larger value
resistor and lower value capacitor can lower the transient
overshoot, however, at the expense of stability of the loop.
Cascaded MOSFET Application
An 20V N-channel MOSFET is integrated in the boost
regulator. For the applications where the output voltage is
greater than 20V, an external cascaded MOSFET is needed
as shown in Figure 15. The voltage rating of the external
MOSFET should be greater than AVDD.
Linear-Regulator (LDO)
The ISL97644 includes a LDO with adjustable output, and it
can supply current up to 350mA. The output voltage is
adjusted by connection of ADJ pin. When ADJ pin is
connected to ground, the output voltage is set to 3.3V; when
ADJ pin is floating, the output voltage is set to 2.85V, and
when ADJ pin is connected to LDO_OUT pin, the output
voltage is set to 2.5V.
TABLE 3. BOOST INDUCTOR RECOMMENDATION
INDUCTOR
DIMENSIONS
(mm)
MFG
PART NUMBER
6.8µH/3APEAK
7.3x6.8x3.2
TDK
RLF7030T-6R8N3R0
10µH/4APEAK
8.3X8.3X4.5
Sumida
CDR8D43-100NC
5.2µH/4.55APEAK 10x10.1x3.8
Cooper
Bussmann
CD1-5R2
TABLE 4. BOOST CONVERTER RECTIFIER DIODE
RECOMMENDATION
DIODE
VR/IAVG RATING
PACKAGE
MFG
SS23
30V/2A
SMB
Fairchild
Semiconductor
MBRS340
40V/3A
SMC
International
Rectifier
SL23
30V/2A
SMB
Vishay
Semiconductor
I
LAVG
I
O
1D
-------------
=
I
LPK
I
LAVG
ΔI
L
2
--------
+
=
(EQ. 5)
V
RIPPLE
I
LPK
ESR
V
O
V
IN
V
O
------------------------
I
O
C
OUT
----------------
1
f
s
----
×
×
+
×
=
(EQ. 6)
TABLE 5. BOOST OUTPUT CAPACITOR RECOMMENDATION
CAPACITOR
SIZE
MFG
PART NUMBER
10µF/25V
1210
TDK
C3225X7R1E106M
10µF/25V
1210
Murata
GRM32DR61E106K
FIGURE 15. CASCADED MOSFET TOPOLOGY FOR HIGH
OUTPUT VOLTAGE APPLICATIONS
Intersil
ISL97644
LX
FB
AVDD
VIN
ISL97644


Similar Part No. - ISL97644IRZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97644IRZ-TK INTERSIL-ISL97644IRZ-TK Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97644IRZ-TK RENESAS-ISL97644IRZ-TK Datasheet
855Kb / 15P
   Boost LDO VON Slice VCOM
More results

Similar Description - ISL97644IRZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97644 RENESAS-ISL97644 Datasheet
855Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97646 INTERSIL-ISL97646_07 Datasheet
453Kb / 15P
   Boost LDO VON Slice VCOM
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
ISL97646 INTERSIL-ISL97646 Datasheet
446Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97646 RENESAS-ISL97646 Datasheet
852Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
   Boost VON Slice VCOM
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
   Boost VON Slice VCOM
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
   Boost VON Slice VCOM
logo
Renesas Technology Corp
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
   Boost VON Slice VCOM
December 14, 2007
logo
Intersil Corporation
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com