Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256PM-15 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X28HC256PM-15
Description  5V, Byte Alterable EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256PM-15 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X28HC256PM-15 Datasheet HTML 7Page - Intersil Corporation X28HC256PM-15 Datasheet HTML 8Page - Intersil Corporation X28HC256PM-15 Datasheet HTML 9Page - Intersil Corporation X28HC256PM-15 Datasheet HTML 10Page - Intersil Corporation X28HC256PM-15 Datasheet HTML 11Page - Intersil Corporation X28HC256PM-15 Datasheet HTML 12Page - Intersil Corporation X28HC256PM-15 Datasheet HTML 13Page - Intersil Corporation X28HC256PM-15 Datasheet HTML 14Page - Intersil Corporation X28HC256PM-15 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN8108.2
May 7, 2007
Equivalent AC Load Circuit
Symbol Table
Capacitance
TA = +25°C, f = 1MHz, VCC = 5V.
SYMBOL
TEST
CONDITIONS
MAX
UNIT
CI/O (Note 9)
Input/output capacitance
VI/O = 0V
10
pF
CIN (Note 9)
Input capacitance
VIN = 0V
6
pF
Endurance and Data Retention
PARAMETER
MIN
MAX
UNIT
Endurance
1,000,000
Cycles
Data retention
100
Years
AC Conditions of Test
Input pulse levels
0V to 3V
Input rise and fall times
5ns
Input and output timing levels
1.5V
Mode Selection
CE
OE
WE
MODE
I/O
POWER
L
L
H
Read
DOUT
active
LH
L
Write
DIN
active
H
X
X
Standby and write
inhibit
High Z
standby
X
L
X
Write inhibit
X
X
H
Write inhibit
5V
1.92k
Ω
30pF
OUTPUT
1.37k
Ω
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
X28HC256


Similar Part No. - X28HC256PM-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC256PM-15 XICOR-X28HC256PM-15 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256PM-15 INTERSIL-X28HC256PM-15 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28HC256PM-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com