Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8550W Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SS8550W
Description  Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS8550W Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SS8550W Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS8550W Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS8550W Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SS8550W Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL Galaxy Electrical
Production specification
Silicon Epitaxial Planar Transistor
SS8550W
Document number: BL/SSSTF062
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-100μA,IE=0
-40
V
Collector-emitter breakdown voltage V(BR)CEO
IC=-0.1mA,IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-40V,IE=0
-0.1
μA
Collector cut-off current
ICEO
VCE=-20V,IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
μA
VCE=-1V,IC=-100mA
120
400
DC current gain
hFE
VCE=-1V,IC=-800mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=-800mA, IB= -80mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-800mA, IB= -80mA
-1.2
V
Transition frequency
fT
VCE=-10V, IC= -50mA
f=30MHz
100
MHz
Output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
20
pF
Base-emitter voltage
VBEF
IE=-1.5A
-1.6
V
CLASSIFICATION
OF
hFE(1)
Rank
L
H
J
Range
120-200
200-350
300-400


Similar Part No. - SS8550W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SS8550W SECOS-SS8550W Datasheet
120Kb / 2P
   PNP Silicon General Purpose Transistor
logo
Diode Semiconductor Kor...
SS8550W DSK-SS8550W Datasheet
278Kb / 4P
   Silicon Epitaxial Planar Transistor
logo
Galaxy Semi-Conductor H...
SS8550W BILIN-SS8550W Datasheet
182Kb / 4P
   Silicon Epitaxial Planar Transistor
SS8550W BILIN-SS8550W Datasheet
309Kb / 4P
   Silicon Epitaxial Planar Transistor
SS8550W BILIN-SS8550W_14 Datasheet
182Kb / 4P
   Silicon Epitaxial Planar Transistor
More results

Similar Description - SS8550W

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC1654_0712 BILIN-2SC1654_0712 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC2411_0712 BILIN-2SC2411_0712 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com