Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAPM01N Datasheet(PDF) 2 Page - Sanken electric

Part # SAPM01N
Description  silicon power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SAPM01N Datasheet(HTML) 2 Page - Sanken electric

  SAPM01N Datasheet HTML 1Page - Sanken electric SAPM01N Datasheet HTML 2Page - Sanken electric SAPM01N Datasheet HTML 3Page - Sanken electric SAPM01N Datasheet HTML 4Page - Sanken electric SAPM01N Datasheet HTML 5Page - Sanken electric SAPM01N Datasheet HTML 6Page - Sanken electric SAPM01N Datasheet HTML 7Page - Sanken electric SAPM01N Datasheet HTML 8Page - Sanken electric SAPM01N Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SAPM01N
030416
SSE-22334
2/9
61432
-2 Electrical Characteristics (Ta=25℃)
SAPM01N
Limits
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
Unit
Drain to Source Breakdown Voltage
V(BR)DSS
ID=100μA, VGS=0V
150
V
Gate to Source Leakage Current
IGSS
VGS=±20V
±
100
nA
Drain to Source Leakage Current
IDSS
VDS=150V, VGS=0V
100
μ
A
Gate Threshold Voltage
VTH
VDS=10V, ID=250μA
3.0
3.5
4.0
V
Forward Transconductance
Re(yfs)
VDS=50V, ID=10A
7.0
10
S
Static Drain to Source
On-State Resistance
RDS(on)
VGS=10V, ID=10A
0.12
0.2
Ω
Input Capacitance
Ciss
1800
Output Capacitance
Coss
330
Reverse Transfer Capacitance
Crss
VDS=25V
f=1.0MHz
VGS =0V
80
pF
Turn-On Delay Time
td(on)
80
Rise Time
tr
210
Turn-Off Delay Time
td(off)
360
Fall Time
tf
ID =10A
VDD≒50V
RL=5Ω
VGS=10V
105
ns
Diode Forward Voltage
DiVF
IF=3mA
5.8
V
Trimming process
VGS -(VF+VR)+2.9│≦0.035 shall be satisfied.(Reference value : Idling current 100mA±20%)
(at 50V/100mA) (at 3mA)
*
VR: Both ends voltage of the resistor after being trimmed
Measurement values have temperature coefficient; therefore, the frame temperature is controlled and detected to
be 25℃ in order to appropriately trim the resistor value.
For inspection, equipments with accuracy of 0.5%, which is checked and corrected regularly, are used.


Similar Part No. - SAPM01N

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SAP08 SANKEN-SAP08 Datasheet
135Kb / 6P
   Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
SAP08N SANKEN-SAP08N Datasheet
135Kb / 6P
   Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
SAP08P SANKEN-SAP08P Datasheet
135Kb / 6P
   Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
SAP09N SANKEN-SAP09N Datasheet
46Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON
SAP09P SANKEN-SAP09P Datasheet
45Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES
More results

Similar Description - SAPM01N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Cree, Inc
CMF10120D CREE-CMF10120D Datasheet
948Kb / 9P
   Silicon Carbide Power MOSFET
logo
Quanzhou Jinmei Electro...
RD00HVS1 JMNIC-RD00HVS1_15 Datasheet
177Kb / 6P
   Silicon MOSFET Power Transistor
logo
Cree, Inc
C3M0025065K CREE-C3M0025065K Datasheet
1Mb / 12P
   Silicon Carbide Power MOSFET
logo
GeneSiC Semiconductor, ...
GR160MT12D GENESIC-GR160MT12D Datasheet
834Kb / 1P
   Silicon Carbide Power MOSFET
logo
Cree, Inc
C2M0160120D CREE-C2M0160120D_15 Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET
C3M0280090J CREE-C3M0280090J Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET
C3M0120090D CREE-C3M0120090D Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET
logo
Shenzhen Luguang Electr...
LGE3M30065B LUGUANG-LGE3M30065B Datasheet
2Mb / 9P
   Silicon Carbide Power MOSFET
Revision:20170701-P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com