Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDSO316 Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # TDSO316
Description  13 mm Seven Segment Display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDSO316 Datasheet(HTML) 9 Page - TEMIC Semiconductors

  TDSO316 Datasheet HTML 1Page - TEMIC Semiconductors TDSO316 Datasheet HTML 2Page - TEMIC Semiconductors TDSO316 Datasheet HTML 3Page - TEMIC Semiconductors TDSO316 Datasheet HTML 4Page - TEMIC Semiconductors TDSO316 Datasheet HTML 5Page - TEMIC Semiconductors TDSO316 Datasheet HTML 6Page - TEMIC Semiconductors TDSO316 Datasheet HTML 7Page - TEMIC Semiconductors TDSO316 Datasheet HTML 8Page - TEMIC Semiconductors TDSO316 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TELEFUNKEN Semiconductors
TDS.51..
Rev. A1: 01.06.1995
9 (9)
Ozone Depleting Substances Policy Statement
It is the policy of TEMIC TELEFUNKEN microelectronic GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems
with respect to their impact on the health and safety of our employees and the public, as well as their impact on
the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as
ozone depleting substances ( ODSs ).
The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and
forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban
on these substances.
TEMIC TELEFUNKEN microelectronic GmbH semiconductor division has been able to use its policy of
continuous improvements to eliminate the use of ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively
2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency ( EPA ) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively.
TEMIC can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain
such substances.
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each customer
application by the customer. Should the buyer use TEMIC products for any unintended or unauthorized
application, the buyer shall indemnify TEMIC against all claims, costs, damages, and expenses, arising out of,
directly or indirectly, any claim of personal damage, injury or death associated with such unintended or
unauthorized use.
TEMIC TELEFUNKEN microelectronic GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423


Similar Part No. - TDSO316

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSO316 VISHAY-TDSO316 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSO3160 VISHAY-TDSO3160 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
TDSO3160 VISHAY-TDSO3160 Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSO3160 VISHAY-TDSO3160 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSO3160-KL VISHAY-TDSO3160-KL Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
More results

Similar Description - TDSO316

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSR515 VISHAY-TDSR515 Datasheet
120Kb / 10P
   13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSR135 VISHAY-TDSR135 Datasheet
97Kb / 5P
   High Intensity 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSR115 VISHAY-TDSR115 Datasheet
126Kb / 9P
   7 mm Seven Segment Display
Rev. A1, 02-Jun-99
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Vishay Siliconix
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com