Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256SIZ-12 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X28HC256SIZ-12
Description  5V, Byte Alterable EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256SIZ-12 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X28HC256SIZ-12 Datasheet HTML 5Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 6Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 7Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 8Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 9Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 10Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 11Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 12Page - Intersil Corporation X28HC256SIZ-12 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN8108.2
May 7, 2007
Resetting Software Data Protection
In the event the user wants to deactivate the software data
protection feature for testing or reprogramming in an
EEPROM programmer, the following six step algorithm will
reset the internal protection circuit. After tWC, the X28HC256
will be in standard operating mode.
Note: Once initiated, the sequence of write operations
should not be interrupted.
SYSTEM CONSIDERATIONS
Because the X28HC256 is frequently used in large memory
arrays, it is provided with a two line control architecture for
both read and write operations. Proper usage can provide
the lowest possible power dissipation, and eliminate the
possibility of contention where multiple I/O pins share the
same bus.
To gain the most benefit, it is recommended that CE be
decoded from the address bus and be used as the primary
device selection input. Both OE and WE would then be
common among all devices in the array. For a read
operation, this assures that all deselected devices are in
their standby mode, and that only the selected device(s)
is/are outputting data on the bus.
Because the X28HC256 has two power modes, standby and
active, proper decoupling of the memory array is of prime
concern. Enabling CE will cause transient current spikes.
The magnitude of these spikes is dependent on the output
capacitive loading of the l/Os. Therefore, the larger the array
sharing a common bus, the larger the transient spikes. The
voltage peaks associated with the current transients can be
suppressed by the proper selection and placement of
decoupling capacitors. As a minimum, it is recommended that
a 0.1µF high frequency ceramic capacitor be used between
VCC and VSS at each device. Depending on the size of the
array, the value of the capacitor may have to be larger.
In addition, it is recommended that a 4.7µF electrolytic bulk
capacitor be placed between VCC and VSS for each eight
devices employed in the array. This bulk capacitor is
employed to overcome the voltage droop caused by the
inductive effects of the PC board traces.
CE
WE
STANDARD
OPERATING
MODE
VCC
DATA
ADDRESS
AAA
5555
55
2AAA
80
5555
tWC
AA
5555
55
2AAA
20
5555
FIGURE 8. RESET SOFTWARE DATA PROTECTION TIMING SEQUENCE
WRITE DATA 55
TO ADDRESS
2AAA
WRITE DATA 55
TO ADDRESS
2AAA
WRITE DATA 80
TO ADDRESS
5555
WRITE DATA AA
TO ADDRESS
5555
WRITE DATA 20
TO ADDRESS
5555
WRITE DATA AA
TO ADDRESS
5555
AFTER tWC,
RE-ENTERS
UNPROTECTED
STATE
FIGURE 9. WRITE SEQUENCE FOR RESETTING SOFTWARE
X28HC256


Similar Part No. - X28HC256SIZ-12

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
X28HC256SIZ-12 ROCHESTER-X28HC256SIZ-12 Datasheet
977Kb / 21P
   LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
logo
Intersil Corporation
X28HC256SIZ-12 INTERSIL-X28HC256SIZ-12 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
logo
Renesas Technology Corp
X28HC256SIZ-12 RENESAS-X28HC256SIZ-12 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256SIZ-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com