Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28290 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL28290
Description  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28290 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28290 Datasheet HTML 1Page - Intersil Corporation ISL28290 Datasheet HTML 2Page - Intersil Corporation ISL28290 Datasheet HTML 3Page - Intersil Corporation ISL28290 Datasheet HTML 4Page - Intersil Corporation ISL28290 Datasheet HTML 5Page - Intersil Corporation ISL28290 Datasheet HTML 6Page - Intersil Corporation ISL28290 Datasheet HTML 7Page - Intersil Corporation ISL28290 Datasheet HTML 8Page - Intersil Corporation ISL28290 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN6247.7
March 17, 2008
VENL
EN Low Level
Referred to V-
0.8
V
IENH
EN Pin Input High Current
VEN = V+
0.8
1.2
1.4
µA
IENL
EN Pin Input Low Current
VEN = V-
20
80
100
nA
AC SPECIFICATIONS
GBW
-3dB Unity Gain Bandwidth
RF = 0Ω CL = 20pF, AV = 1, RL = 10kΩ
170
MHz
THD+N
Total Harmonic Distortion + Noise f = 1kHz, VOUT + 2VP-P, AV = +1, RL = 10kΩ
0.00017
%
HD
(1MHz)
2nd Harmonic Distortion
VOUT = 2VP-P, AV = 1
-87
dBc
3rd Harmonic Distortion
-90
dBc
ISO
Off-state Isolation
fO = 100kHz
AV = +1; VIN = 100mVP-P; RF = 0Ω, CL = 20pF,
AV = 1, RL = 10kΩ
-38
dB
X-TALK
ISL28290
Channel-to-Channel Crosstalk
fO = 100kHz
VS = ±2.5V; AV = +1; VIN = 1VP-P, RF = 0Ω,
CL = 20pF, AV = 1, RL = 10kΩ
-105
dB
PSRR
Power Supply Rejection Ratio
fO = 100kHz
VS = ±2.5V; AV = +1; VSOURCE = 1VP-P, RF = 0Ω,
CL = 20pF, AV = 1, RL = 10kΩ
-70
dB
CMRR
Common Mode Rejection Ratio
fO = 100kHz
VS = ±2.5V; AV = +1; VCM = 1VP-P, RF = 0Ω,
CL = 20pF, AV = 1, RL = 10kΩ
-65
dB
en
Input Referred Voltage Noise
fO = 1kHz
1
nV/
√Hz
in
Input Referred Current Noise
fO = 10kHz
2.1
pA/
√Hz
TRANSIENT RESPONSE
SR
Slew Rate
30
25
50
V/µs
tpd
Propagation Delay
10% VIN - 10% VOUT
AV = 1, VOUT = 100mVP-P, RF = 0Ω, CL = 1.2pF
1.0
ns
tr, tf, Small
Signal
Rise Time, tr 10% to 90%
AV = +1, VOUT = 0.1VP-P, RF = 0Ω, CL = 1.2pF
3.3
ns
Fall Time, tf 10% to 90%
6.3
ns
tr, tf Large
Signal
Rise Time, tr 10% to 90%
AV = +2, VOUT = 1VP-P, RF = RG = 499Ω, RL = 10kΩ,
CL = 1.2pF
44
ns
Fall Time, tf 10% to 90%
51
ns
Rise Time, tr 10% to 90%
AV = +2, VOUT = 4.7VP-P, RF = RG = 499Ω,
RL = 10kΩ, CL = 1.2pF
190
ns
Fall Time, tf 10% to 90%
187
ns
ts
Settling Time to 0.1%
90% VOUT to 0.1% VOUT
AV = 1, VOUT = 1VP-P, RF = 0Ω, CL = 1.2pF
45
ns
tEN
ENABLE to Output Turn-on Delay
Time; 10% EN - 10% VOUT
AV = 1, VOUT = 1VDC, RL = 10kΩ, CL = 1.2pF
330
ns
ENABLE to Output Turn-off Delay
Time; 10% EN - 10% VOUT
AV = 1, VOUT = 0VDC, RL = 10kΩ, CL = 1.2pF
50
ns
NOTE:
4. Parts are 100% tested at +25°C. Temperature limits established by characterization and are not production tested.
Electrical Specifications
V+ = 5.0V, V- = GND, RL = Open, RF = 1kΩ, AV = -1 unless otherwise specified. Parameters are per amplifier.
Typical values are at V+ = 5V, TA = +25°C. Boldface limits apply over the operating temperature range,
-40°C to +125°C, temperature data established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNIT
ISL28190, ISL28290


Similar Part No. - ISL28290

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28290 INTERSIL-ISL28290 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
ISL28290 INTERSIL-ISL28290 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
ISL28290 INTERSIL-ISL28290 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28290EVAL1Z INTERSIL-ISL28290EVAL1Z Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
More results

Similar Description - ISL28290

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com