Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28290 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL28290
Description  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28290 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28290 Datasheet HTML 5Page - Intersil Corporation ISL28290 Datasheet HTML 6Page - Intersil Corporation ISL28290 Datasheet HTML 7Page - Intersil Corporation ISL28290 Datasheet HTML 8Page - Intersil Corporation ISL28290 Datasheet HTML 9Page - Intersil Corporation ISL28290 Datasheet HTML 10Page - Intersil Corporation ISL28290 Datasheet HTML 11Page - Intersil Corporation ISL28290 Datasheet HTML 12Page - Intersil Corporation ISL28290 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6247.7
March 17, 2008
FIGURE 25. CMRR vs TEMPERATURE, VCM = 3.8V,
VS = ±2.5V
FIGURE 26. PSRR vs TEMPERATURE ±1.5V TO ±2.5V
FIGURE 27. POSITIVE VOUT vs TEMPERATURE RL = 1k,
VS = ±2.5V
FIGURE 28. NEGATIVE VOUT vs TEMPERATURE RL = 1k,
VS = ±2.5V
Typical Performance Curves (Continued)
70
80
90
100
110
120
130
140
-40
-20
0
204060
80
100
120
TEMPERATURE (°C)
n = 50
MEDIAN
MIN
MAX
75
76
77
78
79
80
81
82
83
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 50
MEDIAN
MIN
MAX
4.962
4.964
4.966
4.968
4.970
4.972
4.974
4.976
4.978
4.980
4.982
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MAX
MIN
n = 50
MEDIAN
10
15
20
25
30
35
40
45
50
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
n = 50
MEDIAN
MIN
MAX
Pin Descriptions
ISL28190
(6 Ld SOT-23)
ISL28190
(6 Ld
μTDFN)
ISL28290
(10 Ld MSOP)
ISL28290
(10 Ld
μTQFN)
ISL28290
(8 Ld SOIC)
PIN
NAME
FUNCTION
EQUIVALENT
CIRCUIT
42
2 (A)
8 (B)
1 (A)
7 (B)
2 (A)
6 (B)
IN-
IN-_A
IN-_B
Inverting input
Circuit 1
33
3 (A)
7 (B)
2 (A)
6 (B)
3 (A)
5 (B)
IN+
IN+_A
IN+_B
Non-inverting
input
(See Circuit 1)
2
4
4
3
4
V-
Negative supply
IN+
IN-
V+
V-
ISL28190, ISL28290


Similar Part No. - ISL28290

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28290 INTERSIL-ISL28290 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
ISL28290 INTERSIL-ISL28290 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
ISL28290 INTERSIL-ISL28290 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28290EVAL1Z INTERSIL-ISL28290EVAL1Z Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
More results

Similar Description - ISL28290

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com