Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256JI-90 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X28HC256JI-90
Description  5V, Byte Alterable EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256JI-90 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X28HC256JI-90 Datasheet HTML 6Page - Intersil Corporation X28HC256JI-90 Datasheet HTML 7Page - Intersil Corporation X28HC256JI-90 Datasheet HTML 8Page - Intersil Corporation X28HC256JI-90 Datasheet HTML 9Page - Intersil Corporation X28HC256JI-90 Datasheet HTML 10Page - Intersil Corporation X28HC256JI-90 Datasheet HTML 11Page - Intersil Corporation X28HC256JI-90 Datasheet HTML 12Page - Intersil Corporation X28HC256JI-90 Datasheet HTML 13Page - Intersil Corporation X28HC256JI-90 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN8108.2
May 7, 2007
Absolute Maximum Ratings
Thermal Information
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . .-10°C to +85°C
X28HC256 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
X28HC256I, X28HC256M . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on any Pin with Respect to VSS . . . . . . . . . . . . . -1V to +7V
DC Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Commerical . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Military . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ± 10%
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
Over Recommended Operating Conditions, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
(Note 7)
MAX
VCC Active Current
(TTL Inputs)
ICC
CE = OE = VIL, WE = VIH, All I/O’s = open,
address inputs = .4V/2.4V levels @ f = 10MHz
30
60
mA
VCC Standby Current
(TTL Inputs)
ISB1
CE = VIH, OE = VIL, All I/O’s = open, other inputs = VIH
12
mA
VCC Standby Current
(CMOS Inputs)
ISB2
CE = VCC - 0.3V, OE = GND, All I/Os = open, other
inputs = VCC - 0.3V
200
500
µA
Input Leakage Current
ILI
VIN = VSS to VCC
10
µA
Output Leakage Current
ILO
VOUT = VSS to VCC, CE = VIH
10
µA
Input LOW Voltage
VlL (Note 2)
-1
0.8
V
Input HIGH Voltage
VIH (Note 2)
2
VCC + 1
V
Output LOW Voltage
VOL
IOL = 6mA
0.4
V
Output HIGH Voltage
VOH
IOH = -4mA
2.4
V
NOTES:
1. Typical values are for TA = +25°C and nominal supply voltage.
2. VIL min. and VIH max. are for reference only and are not tested.
Power-up Timing
PARAMETER
SYMBOL
MAX
UNIT
Power-up to read
tPUR, Note 3
100
µs
Power-up to write
tPUW, Note 3
5
ms
NOTE:
3. This parameter is periodically sampled and not 100% tested.
X28HC256


Similar Part No. - X28HC256JI-90

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC256JI-90 XICOR-X28HC256JI-90 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Rochester Electronics
X28HC256JI-90 ROCHESTER-X28HC256JI-90 Datasheet
977Kb / 21P
   LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
logo
Intersil Corporation
X28HC256JI-90 INTERSIL-X28HC256JI-90 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
logo
Renesas Technology Corp
X28HC256JI-90 RENESAS-X28HC256JI-90 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256JI-90

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com