Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28271FAZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL28271FAZ
Description  Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28271FAZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28271FAZ Datasheet HTML 1Page - Intersil Corporation ISL28271FAZ Datasheet HTML 2Page - Intersil Corporation ISL28271FAZ Datasheet HTML 3Page - Intersil Corporation ISL28271FAZ Datasheet HTML 4Page - Intersil Corporation ISL28271FAZ Datasheet HTML 5Page - Intersil Corporation ISL28271FAZ Datasheet HTML 6Page - Intersil Corporation ISL28271FAZ Datasheet HTML 7Page - Intersil Corporation ISL28271FAZ Datasheet HTML 8Page - Intersil Corporation ISL28271FAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6390.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28271, ISL28272
Dual Micropower, Single Supply, Rail-to-
Rail Input and Output (RRIO)
Instrumentation Amplifier
The ISL28271 and ISL28272 are dual micropower
instrumentation amplifiers (in-amps) optimized for single
supply operation over the +2.4V to +5.5V range.
Both devices feature an Input Range Enhancement Circuit
(IREC) which maintains CMRR performance for input
voltages equal to the positive and negative supply rails. The
input signal is capable of swinging 10% above the positive
supply rail and to 100mV below the negative supply with only
a slight degradation of the CMRR performance. The output
operation is rail-to-rail.
The ISL28271 is compensated for a minimum gain of 10 or
more. For higher gain applications, the ISL28272 is
compensated for a minimum gain of 100. The in-amps have
CMOS input devices for maximum input common voltage
range. The amplifiers can be operated from one lithium cell
or two Ni-Cd batteries.
Features
• 120µA typical supply current for both channels
• 30pA max input bias current
• 100dB CMRR, PSRR
• 0.7µV/°C offset voltage temperature coefficient
• 180kHz 3dB Bandwidth - ISL28271
• 100kHz 3dB Bandwidth - ISL28272
• 0.5V/µs slew rate
• Single supply operation
• Rail-to-rail input and output (RRIO)
• Input is capable of swinging above V+ and below V-
(ground sensing)
• 0.081%1 typical gain error - ISL28271
• -0.19%1 typical gain error - ISL28272
• Pb-free available (RoHS compliant)
Applications
• Battery- or solar-powered systems
• Strain gauge
• Sensor signal conditioning
• Medical devices
• Industrial instrumentations
Related Literature
• AN1290, ISL2827xINEVAL1Z Evaluation Board User’s
Guide
• AN1298, Instrumentation Amplifier Application Note
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-free)
PKG. DWG. #
ISL28271FAZ*
28271 FAZ
16 Ld QSOP MDP0040
ISL28272FAZ*
28272 FAZ
16 Ld QSOP MDP0040
ISL28271INEVAL1Z
Evaluation Platform
ISL28272INEVAL1Z
Evaluation Platform
*Add “-T7” suffix for tape and reel. Please refer to TB347 for details
on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Pinout
ISL28271, ISL28272
(16 LD QSOP)
TOP VIEW
NC
OUT_A
FB+_A
FB-_A
IN-_A
IN+_A
EN_A
V-
V+
FB+_B
FB-_B
IN-_B
IN+_B
NC
OUT_B
EN_B
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
-+
-
+
Data Sheet
August 17, 2007


Similar Part No. - ISL28271FAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28271FAZ INTERSIL-ISL28271FAZ Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271FAZ RENESAS-ISL28271FAZ Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271FAZ-T7 INTERSIL-ISL28271FAZ-T7 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
More results

Similar Description - ISL28271FAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
ISL28270_0708 INTERSIL-ISL28270_0708 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com