Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6932 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6932
Description  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932 Datasheet(HTML) 1 Page - STMicroelectronics

  L6932_05 Datasheet HTML 1Page - STMicroelectronics L6932_05 Datasheet HTML 2Page - STMicroelectronics L6932_05 Datasheet HTML 3Page - STMicroelectronics L6932_05 Datasheet HTML 4Page - STMicroelectronics L6932_05 Datasheet HTML 5Page - STMicroelectronics L6932_05 Datasheet HTML 6Page - STMicroelectronics L6932_05 Datasheet HTML 7Page - STMicroelectronics L6932_05 Datasheet HTML 8Page - STMicroelectronics L6932_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
L6932
December 2005
2V TO 14V INPUT VOLTAGE RANGE
200m
Ω Rdson MAX.
200
µA QUIESCENT CURRENT AT ANY LOAD
EXCELLENT LOAD AND LINE REGULATION
1.5V, 1.8V AND 2.5V FIXED VOLTAGE
ADJUSTABLE FROM 1.2V TO 5V (L6932D1.2)
1% VOLTAGE REGULATION ACCURACY
SHORT CIRCUIT PROTECTION
THERMAL SHUT DOWN
SO-8 (4+4) PACKAGE
APPLICATIONS
MOTHERBOARDS
MOBILE PC
HAND-HELD INSTRUMENTS
PCMCIA CARDS
PROCESSORS I/O
CHIPSET AND RAM SUPPLY
DESCRIPTION
The L6932 Ultra Low Drop Output linear regulator
operates from 2V to 14V and is able to support 2A.
Designed with an internal 50m
Ω N-channel
Mosfet, can be usefull for the DC-DC conversion
between 2.5V and 1.5V at 2A in portable applica-
tions reducing the power dissipation.
L6932 is available in 1.5V, 1.8V, 2.5V and adj ver-
sion from 1.2V and ensure a voltage regulation ac-
curacy of 1%.
The current limit is fixed at 2.5A to control the cur-
rent in short circuit condition within ±8%. The cur-
rent is sensed in the power mos in order to limit the
power dissipation.
The device is also provided of a thermal shut down
that limits the internal temperature at 150°C with
an histeresys of 20°C. L6932 provides the Enable
and the Power good functions.
SO-8 (4+4)
ORDERING NUMBERS:
L6932D1.2 (SO-8)
L6932D1.2TR (T&R)
L6932D1.5 (SO-8)
L6932D1.5TR (T&R)
L6932D1.8 (SO-8)
L6932D1.8TR (T&R)
L6932D2.5 (SO-8)
L6932D2.5TR (T&R)
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
TYPICAL OPERATING CIRCUIT
L6932D
PGOOD
EN
GND
IN
V
IN
2V to 14V
V
OUT
1.5V-1.8V-2.5V
C1
C2
1
2
3
4
5,6,7,8
L6932D
ADJ
EN
GND
IN
V
IN
2V to 14V
V
OUT
1.2V to 5V
C1
C2
1
2
4
3
5,6,7,8
R2
R1
OUT
OUT
Rev. 9


Similar Part No. - L6932_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.8 STMICROELECTRONICS-L6932D1.8 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.8TR STMICROELECTRONICS-L6932D1.8TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D12 STMICROELECTRONICS-L6932D12 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
More results

Similar Description - L6932_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
   High performance 2A ULDO linear regulator with Soft Start
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
   High performance 3 A ULDO linear regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
   800mA High PSRR, ULDO Linear Regulator
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
   500mA Micropower ULDO??Linear Regulator
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
   UP TO 5A ULDO LINEAR REGULATOR
May 2000
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
   2A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com