Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43122IH-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL43122IH-T
Description  Low-Voltage, Single Supply, Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43122IH-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL43122IH-T Datasheet HTML 3Page - Intersil Corporation ISL43122IH-T Datasheet HTML 4Page - Intersil Corporation ISL43122IH-T Datasheet HTML 5Page - Intersil Corporation ISL43122IH-T Datasheet HTML 6Page - Intersil Corporation ISL43122IH-T Datasheet HTML 7Page - Intersil Corporation ISL43122IH-T Datasheet HTML 8Page - Intersil Corporation ISL43122IH-T Datasheet HTML 9Page - Intersil Corporation ISL43122IH-T Datasheet HTML 10Page - Intersil Corporation ISL43122IH-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN6033.5
October 18, 2007
FIGURE 3A. MEASUREMENT POINTS (ISL43122 ONLY)
CL includes fixture and stray capacitance.
FIGURE 3B. TEST CIRCUIT (ISL43122 ONLY)
FIGURE 3.
FIGURE 4. OFF ISOLATION TEST CIRCUIT
FIGURE 5. rON TEST CIRCUIT
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
90%
3V OR 4V
0V
tD
0V
LOGIC
INPUT
SWITCH
OUTPUT
SWITCH
OUTPUT
90%
tD
0V
VOUT1
VOUT2
LOGIC
INPUT
IN1
COM1
RL1
CL1
VOUT1
300
Ω
35pF
COM2
RL2
CL2
VOUT2
300
Ω
35pF
NO1
NC2
GND
IN2
VNX
V+
C
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V OR VINH
NO OR NC
COM
INX
GND
V+
C
0.8V OR VINH
NO OR NC
COM
IN
GND
VNX
V1
rON = V1/1mA
1mA
0V OR 2.4V
ANALYZER
V+
C
NO1 OR NC1
SIGNAL
GENERATOR
RL
GND
IN1
COM1
IN2
50
Ω
0V OR VINH
NC
COM2
NO2 OR NC2
V+
C
GND
NO OR NC
COM
INX
IMPEDANCE
ANALYZER
0V OR VINH
ISL43120, ISL43121, ISL43122


Similar Part No. - ISL43122IH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43122IH-T INTERSIL-ISL43122IH-T Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43122IH-T INTERSIL-ISL43122IH-T Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

Similar Description - ISL43122IH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741_06 Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com