Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA317H-XX-TR30 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LA317H-XX-TR30
Description  1.0A Adjustable Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LA317H-XX-TR30 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LA317H-XX-TR30 Datasheet HTML 1Page - List of Unclassifed Manufacturers LA317H-XX-TR30 Datasheet HTML 2Page - List of Unclassifed Manufacturers LA317H-XX-TR30 Datasheet HTML 3Page - List of Unclassifed Manufacturers LA317H-XX-TR30 Datasheet HTML 4Page - List of Unclassifed Manufacturers LA317H-XX-TR30 Datasheet HTML 5Page - List of Unclassifed Manufacturers LA317H-XX-TR30 Datasheet HTML 6Page - List of Unclassifed Manufacturers LA317H-XX-TR30 Datasheet HTML 7Page - List of Unclassifed Manufacturers LA317H-XX-TR30 Datasheet HTML 8Page - List of Unclassifed Manufacturers LA317H-XX-TR30 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1.0A Adjustable Positive Voltage Regulator
Rev. A/DX 2007-06-04
LA317
www.taitroncomponents.com
Page 4 of 9
Fig.1- Dropout Voltage vs. Output Current
Output Current (A)
Fig.3-
Reference Voltage vs. Temperature
Ambient Temperature (° C)
Fig.2- Load Regulation vs. Temperature
Ambient Temperature (° C)
LA317
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
-
15
-
SOT-223
-
10
-
TO-252
-
4.5
-
TO-220
-
Thermal Resistance Junction
to Case
-
4
-
°
C/W
TO-263
-
Thermal Shutdown
-
150
-
° C
Junction Temperature
-
Thermal Shutdown
Hysteresis
° C
-
Note: Maximum Power Dissipation is Package Type and Case Temperature dependent. Pls see Fig.8.
Typical Characteristics Curves
Fig.4- Output Voltage vs. Temperature
Ambient Temperature (° C)


Similar Part No. - LA317H-XX-TR30

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LA317H-XX-TR30 TAITRON-LA317H-XX-TR30 Datasheet
436Kb / 9P
   1.0A Adustable Positive Voltage Regulator
More results

Similar Description - LA317H-XX-TR30

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
   Positive Adjustable Voltage Regulator
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
   Positive Adjustable Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L Datasheet
93Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
Seme LAB
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com