Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA317D-XX-AR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LA317D-XX-AR
Description  1.0A Adjustable Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LA317D-XX-AR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LA317D-XX-AR Datasheet HTML 1Page - List of Unclassifed Manufacturers LA317D-XX-AR Datasheet HTML 2Page - List of Unclassifed Manufacturers LA317D-XX-AR Datasheet HTML 3Page - List of Unclassifed Manufacturers LA317D-XX-AR Datasheet HTML 4Page - List of Unclassifed Manufacturers LA317D-XX-AR Datasheet HTML 5Page - List of Unclassifed Manufacturers LA317D-XX-AR Datasheet HTML 6Page - List of Unclassifed Manufacturers LA317D-XX-AR Datasheet HTML 7Page - List of Unclassifed Manufacturers LA317D-XX-AR Datasheet HTML 8Page - List of Unclassifed Manufacturers LA317D-XX-AR Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. A/DX 2007-06-04
LA317
1.0A Adjustable Positive
Voltage Regulator
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 9
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
1.0A Adustable Positive Voltage Regulator
General Description
• The LA317 is an adjustable 3-terminal positive voltage
regulator with a very low dropout of 1.2V at 1A output
current. Using 2 external resistors, the LA317 can
provide an adjustable output voltage down to 1.25V.
• The LA317 is available in standard SOT-223, D-PACK,
TO-220 and D2-PACK packages.
Features
Applications
• Typical 1% output voltage tolerance
• Typical 0.01%/V line reglation
• Typical 0.2% Load Regulation
• Very low dropout voltage: 1.2V at 1A output current
• Trimmed current limit
• On-chip thermal protection
• RoHS Compliance
Ordering Information
• PC Motherboard
• LCD Monitor
• Graphic Card
• DVD Player
• Network Interface Card/Switch
• Telecom Equipment
• Printer and other Peripheral Equipment
SOT-223
D-PACK
(TO-252)
TO-220
D2-PACK
(TO-263)


Similar Part No. - LA317D-XX-AR

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LA317D-XX-AR TAITRON-LA317D-XX-AR Datasheet
436Kb / 9P
   1.0A Adustable Positive Voltage Regulator
More results

Similar Description - LA317D-XX-AR

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
   Positive Adjustable Voltage Regulator
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
   Positive Adjustable Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L Datasheet
93Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
Seme LAB
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com