Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16CV8J-25 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 16CV8J-25
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16CV8J-25 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 16CV8J-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers 16CV8J-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers 16CV8J-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers 16CV8J-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers 16CV8J-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16CV8J-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16CV8J-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16CV8J-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers 16CV8J-25 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
04-02-004I
PEELTM 16CV8
Inputs, I/O,
Registered Feedback,
Synchronous Preset
Clock
Asynchronous
Reset
Registered
Outputs
Combinatorial
Outputs
Symbol
Parameter
-25
Unit
Min
Max
tPD
Input5 to non-registered output
25
ns
tOE
Input5 to output enable6
25
ns
tOD
Input5 to output disable6
25
ns
tCO1
Clock to Output
15
ns
tCO2
Clock to comb. output delay
via internal registered feedback
35
ns
tCF
Clock to Feedback
10
ns
tSC
Input5 or feedback setup to clock
20
ns
tHC
Input5 hold after clock
0ns
tCL, tCH
Clock low time, clock high time8
15
ns
tCP
Min clock period Ext (tSC + tCO1)35
ns
fMAX1
Internal feedback (1/tSC+tCF)11
28.5
MHz
fMAX2
External Feedback (1/tCP)11
28.5
MHz
fMAX3
No Feedback (1/tCL+tCH)11
33.3
MHz
tAW
Asynchronous Reset Pulse Width
25
ns
tAP
Input5 to Asynchronous Reset
25
ns
tAR
Asynchronous Reset recovery time
25
ns
tRESET
Power-on reset time for registers
in clear state
5µs
A. C. Electrical Characteristics
Over the Operating Range 8, 11
Switching Waveforms
8. Test conditions assume: signal transition times of 3ns or less from the 10% and 90%
points, timing reference levels of 1.5V (Unless otherwise specified).
9. Test one output at a time for a duration of less than 1 second.
10. ICC for a typical application: This parameter is tested with the device programmed as
an 8-bit Counter.
11. Parameters are not 100% tested. Specifications are based on initial characterization
and are tested after any design process modification that might affect operational fre-
quency.
Notes:
1. Minimum DC input is -0.5V, however, inputs may undershoot to -2.0V for periods less
than 20 ns.
2. VI and VO are not specified for program/verify operation.
3. Test Points for Clock and VCC in tR and tF are referenced at the 10% and 90% levels.
4. I/O pins are 0V and VCC.
5. “Input” refers to an input pin signal.
6. tOE is measured from input transition to VREF±0.1V, TOD is measured from input transi-
tion to VOH-0.1V or VOL+0.1V; VREF=VL.
7. Capacitances are tested on a sample basis.


Similar Part No. - 16CV8J-25

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
16CV100BE SANYO-16CV100BE Datasheet
73Kb / 1P
   Surface Mount Type Miniature, Super low profile 3.9mm height
logo
Linear Technology
16CV100GX LINER-16CV100GX Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
Sanyo Semicon Device
16CV10BE SANYO-16CV10BE Datasheet
73Kb / 1P
   Surface Mount Type Miniature, Super low profile 3.9mm height
logo
Linear Technology
16CV220GX LINER-16CV220GX Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
Sanyo Semicon Device
16CV22BE SANYO-16CV22BE Datasheet
73Kb / 1P
   Surface Mount Type Miniature, Super low profile 3.9mm height
More results

Similar Description - 16CV8J-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com