Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43210IHZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL43210IHZ-T
Description  Low-Voltage, Single Supply, Single SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43210IHZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL43210IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 11Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN6563.2
October 30, 2007
FIGURE 13. TURN-ON TIME vs SUPPLY VOLTAGE
FIGURE 14. TURN-OFF TIME vs SUPPLY VOLTAGE
FIGURE 15. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 16. FREQUENCY RESPONSE
FIGURE 17. OFF ISOLATION
FIGURE 18. ±PSRR vs FREQUENCY
Typical Performance Curves TA = +25°C, Unless Otherwise Specified. (Continued)
V+ (V)
100
80
60
40
20
23456789
10
11
12
30
50
70
90
-40°C
+25°C
+85°C
V+ (V)
35
30
25
20
15
23456789
10
11
12
+25°C
-40°C
+85°C
-40°C
V+ (V)
25
3.0
2.5
2.0
1.5
1.0
0.5
34
6789
10
11
12
13
-40°C
+85°C
+25°C
-40°C
+85°C
VINH
VINL
+85°C
+25°C
FREQUENCY (MHz)
0
-3
-6
GAIN
PHASE
V+ = 3.3V TO 12V
0
20
40
60
80
100
1
10
100
600
VIN = 0.2VP-P TO 2.5VP-P (V+ = 3.3V)
VIN = 0.2VP-P TO 4VP-P (V+ = 5V)
VIN = 0.2VP-P TO 5VP-P (V+ = 12V)
RL = 50Ω
FREQUENCY (Hz)
1k
100k
1M
100M
500M
10k
10M
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
V+ = 3V TO 13V
FREQUENCY (MHz)
1
10
100
1000
0.3
30
40
50
60
70
80
20
10
0
RL = 50Ω
V+ = 12V, SWITCH ON
V+ = 3.3V, SWITCH ON
V+ = 3.3V, SWITCH OFF
V+ = 12V, SWITCH OFF
ISL43210


Similar Part No. - ISL43210IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43210IHZ-T INTERSIL-ISL43210IHZ-T Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL43210IHZ-T RENESAS-ISL43210IHZ-T Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
More results

Similar Description - ISL43210IHZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
logo
Intersil Corporation
ISL43210A INTERSIL-ISL43210A Datasheet
556Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
ISL43210AIHZ-T INTERSIL-ISL43210AIHZ-T Datasheet
554Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
June 24, 2011
logo
Renesas Technology Corp
ISL43210A RENESAS-ISL43210A Datasheet
655Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4599 MAXIM-MAX4599 Datasheet
128Kb / 8P
   Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 0; 2/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com