Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-010-TG-SLC2I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C-13-010-TG-SLC2I
Description  10Gbps 1310 nm MQW-FP Laser Diode Module-TOSA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C-13-010-TG-SLC2I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C-13-010-TG-SLC2I Datasheet HTML 1Page - List of Unclassifed Manufacturers C-13-010-TG-SLC2I Datasheet HTML 2Page - List of Unclassifed Manufacturers C-13-010-TG-SLC2I Datasheet HTML 3Page - List of Unclassifed Manufacturers C-13-010-TG-SLC2I Datasheet HTML 4Page - List of Unclassifed Manufacturers C-13-010-TG-SLC2I Datasheet HTML 5Page - List of Unclassifed Manufacturers C-13-010-TG-SLC2I Datasheet HTML 6Page - List of Unclassifed Manufacturers C-13-010-TG-SLC2I Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
10Gbps 1310 nm
MQW-FP Laser Diode Module-TOSA
C-13-010-TX-SXXXX
LUMINENTOIC.COM
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS530-APR2505
rev. A.2
Parameter
Symbol
Min
Typical
Max
Unit
Test Condition
Threshold Current
Ith
-
8
12
mA
T=25ºC
Optical Output Power (Middle power)
(High power)
Po
0.3
1.5
-
1
2.5
mW
I
op=40mA,CW,T=25º
Operating Current
Iop
-
40
-
mA
T=25ºC
Peak Wavelength
λ
1295
1310
1325
nm
CW, T=25º, @ I
op
Spectral Width (RMS)
∆λ
-
2
5
nm
Po=2mW, CW
Forward Voltage
VF
-
1.5
-
V
CW, @ I
op
Rise/Fall Time, 20 to 80%
tr/tf
-
40
-
ps
Relative Intensity Noise
RIN
-
-
-130
dB/Hz
CW, T=25ºC, @ I
op
Tracking Error
∆Pf /Pf
-1.5
-
1.5
dB
I
m=constant, CW
PD Monitor Current
I
m
100
-
-
µA
CW, VRPD=5V, T=25ºC
@ Iop
PD Dark Current
I
DARK
-
-
0.1
µA
VRPD=5V
PD Capacitance
C
t
-
6
15
pF
VRPD=5V, f=1MHz
Optical and Electrical Characteristics( T=0 to 85ºC unless otherwise noted)
Features
• Uncooled FP Laser diode with MQW structure
• Hermetically sealed active component
• Built-in InGaAs monitor photodiode
• Integrated 4-pin TO-18 TOSA package, with built-in isolator, for
SC/LC connector
• Designed for 10Gbps Ethernet application.
Parameter
Symbol
Value
Unit
Fiber Output Power (Middle power)
(High power)
P
O
3(CW)
4(CW)
mW
LD Reverse Voltage
V
RLD
2
V
LD Forward Current
I
FLD
150
mA
PD Reverse Voltage
V
RPD
10
V
PD Forward Current
I
FPD
2.0
mA
Operating Temperature
T
opr
0 to +85
ºC
Storage Temperature
T
stg
-40 to +85
ºC
Absolute Maximum Rating (Tc=25ºC)
(All optical data refer to a coupled 9/125µm SM fiber)
* 10.3125 Gb/s PRBS 231-1, Er=6.0dB, @ I
op and T=25ºC


Similar Part No. - C-13-010-TG-SLC2I

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-010-PK-SLC2I SOURCE-C-13-010-PK-SLC2I Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
C-13-010-PK-SLCMI SOURCE-C-13-010-PK-SLCMI Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
C-13-010-PK-SSC2I SOURCE-C-13-010-PK-SSC2I Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
C-13-010-PK-SSCMI SOURCE-C-13-010-PK-SSCMI Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
More results

Similar Description - C-13-010-TG-SLC2I

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-010-PK-SSC2I SOURCE-C-13-010-PK-SSC2I Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
C-13-DFB10-TJ-SSC2I SOURCE-C-13-DFB10-TJ-SSC2I Datasheet
1Mb / 5P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-TA-SSCMI SOURCE-C-13-DFB10-TA-SSCMI Datasheet
1Mb / 8P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-TK-SSCMI-01 SOURCE-C-13-DFB10-TK-SSCMI-01 Datasheet
976Kb / 5P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-Differential TOSA
C-13-DFB10-TA-SSCMI-HT SOURCE-C-13-DFB10-TA-SSCMI-HT Datasheet
1Mb / 8P
   10Gbps 1310 nm 0 ~ 85쨘C MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-PK-SSC2I SOURCE-C-13-DFB10-PK-SSC2I Datasheet
1Mb / 4P
   10Gbps 1310 nm MQW-DFB Laser Diode Pigtailed Module-Differential TOSA
C-13-DFB10-TJ-SSC2I-HT-01 SOURCE-C-13-DFB10-TJ-SSC2I-HT-01 Datasheet
1Mb / 5P
   10Gbps 1310 nm 0 ~ 85쨘C MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-PK-SSCLI SOURCE-C-13-DFB10-PK-SSCLI Datasheet
849Kb / 4P
   10Gbps 1310 nm MQW-DFB Laser Diode Pigtailed Module-Differential TOSA
C-13-DFB10-TK-SSC2I-HT-01 SOURCE-C-13-DFB10-TK-SSC2I-HT-01 Datasheet
967Kb / 5P
   10Gbps 1310 nm 0 ~ 85쨘C MQW-DFB Laser Diode Module-Differential TOSA
C-13-DFB10-TJ-SLC2I SOURCE-C-13-DFB10-TJ-SLC2I Datasheet
653Kb / 3P
   10 Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com