Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16CV8T-25 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 16CV8T-25
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16CV8T-25 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  16CV8T-25 Datasheet HTML 1Page - List of Unclassifed Manufacturers 16CV8T-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers 16CV8T-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers 16CV8T-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers 16CV8T-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers 16CV8T-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16CV8T-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16CV8T-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16CV8T-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
04-02-004I
PEELTM 16CV8
Design Security
The PEELTM 16CV8 provides a special EEPROM security bit that pre-
vents unauthorized reading or copying of designs programmed into the
device. The security bit is set by the PLD programmer, either at the con-
clusion of the programming cycle or as a separate step, after the device
has been programmed. Once the security bit has been set it is impossi-
ble to verify (read) or program the PEELTM until the entire device has
first been erased with the bulk-erase function.
Signature Word
The signature word feature allows a 64-bit code to be programmed into
the PEELTM 16CV8. The code cannot be read back after the security bit
has been set. The signature word can be used to identify the pattern
programmed into the device or to record the design revision, etc.
OE PIN
CLK PIN
DQ
Q
Registered Mode
Active High Registered Output
2
PRODUCT TERM
Registered Mode
Active Low Combinatorial Output
3
PRODUCT TERM
Registered Mode
Active High Combinatorial Output
4
OE PIN
CLK PIN
DQ
Q
Registered Mode
Active Low Registered Output
1
Complex Mode
In Complex mode, seven product terms feed the OR array which can
generate a purely combinatorial function for the output pin. The pro-
grammable output polarity selector provides active-high or active-low
logic, eliminating the need for external inverters. The output buffer is
controlled by the eighth product term, allowing the macrocell to be con-
figured for input, output, or bidirectional functions. Feedback into the
array for input or bidirectional functions is available on all pins except 12
and 19. Figure 4 shows the possible complex mode macrocell configura-
tions. Figure 7 shows the logic array of the PEELTM 16CV8 configured in
Complex mode.
Registered Mode
Registered mode provides eight product terms to the OR array for regis-
tered functions. The programmable output polarity selector provides
active-high or active-low logic, eliminating the need for external invert-
ers. (Note, however, that if register is selected, the PEELTM 16CV8 reg-
isters power-up reset and so before the first clock arrives the output at
the pin will be low if the user has selected active-high logic and high if
the user has selected active-low logic. If combinatorial is selected, the
output will be a function of the logic.) For registered functions, the output
buffer enable is controlled directly from the /OE control pin. Feedback
into the array comes from the macrocell register. In Registered mode,
input pins 1 and 11 are permanently allocated as CLK and /OE, respec-
tively. Figure 8 shows the logic array of the PEELTM 16CV8 configured in
Registered mode.
Registered mode also provides the option of configuring a macrocell for
combinatorial operation, with seven product terms feeding the OR func-
tion.
Again the programmable output polarity selector provides active-high or
active-low logic. The output buffer enable is controlled by the eighth
product term, allowing the macrocell to be configured for input, output, or
bidirectional functions. Feedback into the array for input or bidirectional
functions is available on all I/O pins. Macrocell Configurations for the
Registered Mode of the PEELTM 16CV8
PRODUCT TERM
Complex Mode
Active Low Output
1
PRODUCT TERM
Complex Mode
Active High Output
2
Figure 4 - Macrocell Configurations for the Complex Mode of the
PEELTM 16CV8 (see Figure 7 for Logic Array)
Figure 5 - Macrocell Configurations for the Registered Mode of
the PEELTM 16CV8 (see Figure 8 for logic Array)


Similar Part No. - 16CV8T-25

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
16CV100BE SANYO-16CV100BE Datasheet
73Kb / 1P
   Surface Mount Type Miniature, Super low profile 3.9mm height
logo
Linear Technology
16CV100GX LINER-16CV100GX Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
Sanyo Semicon Device
16CV10BE SANYO-16CV10BE Datasheet
73Kb / 1P
   Surface Mount Type Miniature, Super low profile 3.9mm height
logo
Linear Technology
16CV220GX LINER-16CV220GX Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
Sanyo Semicon Device
16CV22BE SANYO-16CV22BE Datasheet
73Kb / 1P
   Surface Mount Type Miniature, Super low profile 3.9mm height
More results

Similar Description - 16CV8T-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com