Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54056IRUZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL54056IRUZ-T
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54056IRUZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL54056IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN6357.4
August 15, 2007
FIGURE 14. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 15. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 16. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 17. SUPPLY CURRENT vs VLOGIC VOLTAGE
FIGURE 18. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 19. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
Typical Performance Curves TA = +25°C, unless otherwise specified (Continued)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.30
0.35
0.40
0.45
0.50
VCOM (V)
+85°C
-40°C
V+ = 3.3V
ICOM = 100mA
+25°C
0
0.5
1.0
1.5
2.0
2.5
3.0
0.30
0.35
0.40
0.45
0.50
0.55
VCOM (V)
+85°C
-40°C
+25°C
+25°C
V+ = 2.7V
ICOM = 100mA
0
0.5
1.0
1.5
2.0
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
VCOM (V)
+85°C
-40°C
V+ = 1.8V
ICOM = 100mA
+25°C
VIN1, VIN 2 (V)
V+ = 4.2V
12
345
0
50
100
150
200
SWEEPING BOTH LOGIC INPUTS
VCOM (V)
-100
-50
0
50
100
150
200
250
01
2345
V+ = 1.8V
V+ = 3V
V+ = 4.3V
V+ (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VINH
VINL
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ISL54056


Similar Part No. - ISL54056IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54056IRUZ-T INTERSIL-ISL54056IRUZ-T Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056IRUZ-T RENESAS-ISL54056IRUZ-T Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Similar Description - ISL54056IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
464Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IR INTERSIL-ISL8499IR Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL8499 INTERSIL-ISL8499_06 Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 RENESAS-ISL84467 Datasheet
679Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com