Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2852YMXA-2.5 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2852YMXA-2.5
Description  2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852YMXA-2.5 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2852YMXA-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Ordering Information
Order Number
Frequency
Voltage
Option
Package Type
Package
Drawing
Supplied As
LM2852YMXA-0.8
500kHz
0.8
TSSOP-14 exposed
pad
MXA14A
94 Units, Rail
LM2852YMXAX-0.8
2500 Units, Tape and Reel
LM2852YMXA-1.0
1.0
94 Units, Rail
LM2852YMXAX-1.0
2500 Units, Tape and Reel
LM2852YMXA-1.2
1.2
94 Units, Rail
LM2852YMXAX-1.2
2500 Units, Tape and Reel
LM2852YMXA-1.5
1.5
94 Units, Rail
LM2852YMXAX-1.5
2500 Units, Tape and Reel
LM2852YMXA-1.8
1.8
94 Units, Rail
LM2852YMXAX-1.8
2500 Units, Tape and Reel
LM2852YMXA-2.5
2.5
94 Units, Rail
LM2852YMXAX-2.5
2500 Units, Tape and Reel
LM2852YMXA-3.0
3.0
94 Units, Rail
LM2852YMXAX-3.0
2500 Units, Tape and Reel
LM2852YMXA-3.3
3.3
94 Units, Rail
LM2852YMXAX-3.3
2500 Units, Tape and Reel
LM2852XMXA-0.8
1500kHz
0.8
94 Units, Rail
LM2852XMXAX-0.8
2500 Units, Tape and Reel
LM2852XMXA-1.0
1.0
94 Units, Rail
LM2852XMXAX-1.0
2500 Units, Tape and Reel
LM2852XMXA-1.2
1.2
94 Units, Rail
LM2852XMXAX-1.2
2500 Units, Tape and Reel
LM2852XMXA-1.5
1.5
94 Units, Rail
LM2852XMXAX-1.5
2500 Units, Tape and Reel
LM2852XMXA-1.8
1.8
94 Units, Rail
LM2852XMXAX-1.8
2500 Units, Tape and Reel
LM2852XMXA-2.5
2.5
94 Units, Rail
LM2852XMXAX-2.5
2500 Units, Tape and Reel
LM2852XMXA-3.0
3.0
94 Units, Rail
LM2852XMXAX-3.0
2500 Units, Tape and Reel
LM2852XMXA-3.3
3.3
94 Units, Rail
LM2852XMXAX-3.3
2500 Units, Tape and Reel
Note: Contact factory for other voltage options.
www.national.com
3


Similar Part No. - LM2852YMXA-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852YMXA-2.5 NSC-LM2852YMXA-2.5 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2852YMXA-2.5 TI-LM2852YMXA-2.5 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-2.5 TI1-LM2852YMXA-2.5 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2852YMXA-2.5/NOPB TI1-LM2852YMXA-2.5/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
More results

Similar Description - LM2852YMXA-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
[Old version datasheet]   4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com