Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55142IVZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL55142IVZ
Description  High-Speed 18V CMOS Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55142IVZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL55142IVZ Datasheet HTML 5Page - Intersil Corporation ISL55142IVZ Datasheet HTML 6Page - Intersil Corporation ISL55142IVZ Datasheet HTML 7Page - Intersil Corporation ISL55142IVZ Datasheet HTML 8Page - Intersil Corporation ISL55142IVZ Datasheet HTML 9Page - Intersil Corporation ISL55142IVZ Datasheet HTML 10Page - Intersil Corporation ISL55142IVZ Datasheet HTML 11Page - Intersil Corporation ISL55142IVZ Datasheet HTML 12Page - Intersil Corporation ISL55142IVZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN6230.0
July 17, 2006
FIGURE 11. PROPAGATION DELAY @ 14V VCC-VEE
FIGURE 12. MINIMUM PULSE WIDTH RESPONSE
Typical Performance Curves Device installed on Intersil ISL55141, ISL55142, ISL55143 Evaluation Boards. (Continued)
15.0
13.5
12.0
10.5
9.0
7.5
6.0
4.5
3.0
1.5
0
0.05 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
VINP INPUT OFFSET ±1.5 VOLT REFERENCE
-tpd DELAY
+tpd DELAY
tPDLH
tPDHL
0
0
10ns/DIV
VCC 15.0
VEE - 3.0
ISL55141, ISL55142, ISL55143


Similar Part No. - ISL55142IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55142IVZ INTERSIL-ISL55142IVZ Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55142IVZ INTERSIL-ISL55142IVZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
logo
Renesas Technology Corp
ISL55142IVZ RENESAS-ISL55142IVZ Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
More results

Similar Description - ISL55142IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141_11 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55141IRZ INTERSIL-ISL55141IRZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
logo
Renesas Technology Corp
ISL55141 RENESAS-ISL55141 Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com