Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY265P Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TNY265P
Description  Enhanced, Energy Efficient, Low Power Off-line Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY265P Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TNY265P Datasheet HTML 1Page - Power Integrations, Inc. TNY265P Datasheet HTML 2Page - Power Integrations, Inc. TNY265P Datasheet HTML 3Page - Power Integrations, Inc. TNY265P Datasheet HTML 4Page - Power Integrations, Inc. TNY265P Datasheet HTML 5Page - Power Integrations, Inc. TNY265P Datasheet HTML 6Page - Power Integrations, Inc. TNY265P Datasheet HTML 7Page - Power Integrations, Inc. TNY265P Datasheet HTML 8Page - Power Integrations, Inc. TNY265P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TNY263-268
TinySwitch-II Family
Enhanced, Energy Efficient,
Low Power Off-line Switcher
Figure 1. Typical Standby Application.
Product Highlights
TinySwitch-II Features Reduce System Cost
• Fully integrated auto-restart for short circuit and open
loop fault protection–saves external component costs
• Built-in circuitry practically eliminates audible noise with
ordinary dip-varnished transformer
• Programmable line under-voltage detect feature prevents
power on/off glitches–saves external components
• Frequency jittering dramatically reduces EMI (~10 dB)
–minimizes EMI filter component costs
• 132 kHz operation reduces transformer size–allows use of
EF12.6 or EE13 cores for low cost and small size
• Very tight tolerances and negligible temperature variation
on key parameters eases design and lowers cost
• Lowest component count switcher solution
• Expanded scalable device family for low system cost
Better Cost/Performance over RCC & Linears
• Lower system cost than RCC, discrete PWM and other
integrated/hybrid solutions
• Cost effective replacement for bulky regulated linears
• Simple ON/OFF control–no loop compensation needed
• No bias winding–simpler, lower cost transformer
• Simple design practically eliminates rework in
manufacturing
EcoSmart
®–Extremely Energy Efficient
• No load consumption < 50 mW with bias winding and
< 250 mW without bias winding at 265 VAC input
•Meets Blue Angel, Energy Star, and EC requirements
• Ideal for cell-phone charger and PC standby applications
High Performance at Low Cost
• High voltage powered–ideal for charger applications
• High bandwidth provides fast turn on with no overshoot
• Current limit operation rejects line frequency ripple
• Built-in current limit and thermal protection improves
safety
Description
TinySwitch-II integrates a 700 V power MOSFET, oscillator,
high voltage switched current source, current limit and thermal
shutdown circuitry onto a monolithic device. The start-up and
operating power are derived directly from the voltage on the
DRAIN pin, eliminating the need for a bias winding and associated
circuitry. In addition, the TinySwitch-II devices incorporate
PI-2684-101700
Wide-Range
HV DC Input
D
S
EN/UV
BP
+
-
+
-
DC Output
TinySwitch-II
Optional
UV Resistor
®
April 2004
PRODUCT(3)
Adapter(1)
Open
Frame(2)
Open
Frame(2)
OUTPUT POWER TABLE
Table 1. Notes: 1. Typical continuous power in a non-ventilated enclosed
adapter measured at 50
°C ambient. 2. Maximum practical continuous
power in an open frame design with adequate heat sinking, measured at
50
°C ambient (See Key Applications Considerations). 3. Packages:
P: DIP-8B, G: SMD-8B. See Part Ordering Information.
230 VAC
±15%
Adapter(1)
85-265 VAC
5 W
7.5 W
3.7 W
4.7 W
5.5 W
9 W
4 W
6 W
8.5 W
11 W
5.5 W
7.5 W
10 W
15 W
6 W
9.5 W
13 W
19 W
8 W
12 W
16 W
23 W
10 W
15 W
TNY263P or G
TNY264P or G
TNY265P or G
TNY266P or G
TNY267P or G
TNY268P or G
auto-restart, line under-voltage sense, and frequency jittering.
An innovative design minimizes audio frequency components
in the simple ON/OFF control scheme to practically eliminate
audible noise with standard taped/varnished transformer
construction. The fully integrated auto-restart circuit safely
limits output power during fault conditions such as output short
circuit or open loop, reducing component count and secondary
feedback circuitry cost. An optional line sense resistor externally
programs a line under-voltage threshold, which eliminates
power down glitches caused by the slow discharge of input
storage capacitors present in applications such as standby
supplies. The operating frequency of 132 kHz is jittered to
significantly reduce both the quasi-peak and average EMI,
minimizing filtering cost.


Similar Part No. - TNY265P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY265P POWERINT-TNY265P Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY265P POWERINT-TNY265P Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY265P POWERINT-TNY265P Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY265P POWERINT-TNY265P Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY265PG POWERINT-TNY265PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY265P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com