Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3502ITL-25 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3502ITL-25
Description  Step-Up Converter for White LED Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3502ITL-25 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3502ITL-25 Datasheet HTML 1Page - National Semiconductor (TI) LM3502ITL-25 Datasheet HTML 2Page - National Semiconductor (TI) LM3502ITL-25 Datasheet HTML 3Page - National Semiconductor (TI) LM3502ITL-25 Datasheet HTML 4Page - National Semiconductor (TI) LM3502ITL-25 Datasheet HTML 5Page - National Semiconductor (TI) LM3502ITL-25 Datasheet HTML 6Page - National Semiconductor (TI) LM3502ITL-25 Datasheet HTML 7Page - National Semiconductor (TI) LM3502ITL-25 Datasheet HTML 8Page - National Semiconductor (TI) LM3502ITL-25 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin Descriptions/Functions
(Continued)
≤ 0.3V, the internal NMOS FET switch turns on and the SUB
display turns off. When V
En2 is
≥ 1.4V, the internal NMOS
FET switch turns off and the SUB display turns on. The En2
pin has an internal pull down resistor, thus the internal
NMOS FET switch is normally in the on state of operation
with the SUB display turned off.
If V
En1 and VEn2 are
≤ 0.3V and V
Cntrl is
≥ 1.4V, the LM3502
will enter a low I
Q shutdown mode of operation where all the
internal FET switches are off. If V
OUT2 is not used, En2 must
be grounded or floating and use En1 along with Cntrl, to
enable the device.
En1 (Bump A2): Enable pin for the internal PMOS FET
switch (Figure 2: P1) during device operation. When V
En1 is
≤ 0.3V, the internal PMOS FET switch turns on and the MAIN
display is turned off. When V
En1 is
≥ 1.4V, the internal PMOS
FET switch turns off and the MAIN display is turned on. The
En1 pin has an internal pull down resistor, thus the internal
PMOS FET switch is normally in the on state of operation
with the MAIN display turned off. If V
En1 and VEn2 are
≤ 0.3V
and V
Cntrl is
≥ 1.4V, the LM3502 will enter a low I
Q shutdown
mode of operation where all the internal FET switches are
off. If V
OUT2 is not used, En2 must be grounded and use En1
a long with Cntrl, to enable the device.
Ordering Information
Voltage Option
Order Number
Package Marking
Supplied As
16
LM3502ITL-16
SANB
250 units, Tape-and-Reel
16
LM3502ITLX-16
SANB
3000 units, Tape-and-Reel
16
LM3502SQ-16
L00048B
250 units, Tape-and-Reel
16
LM3502SQX-16
L00048B
3000 units, Tape-and-Reel
25
LM3502ITL-25
SAPB
250 units, Tape-and-Reel
25
LM3502ITLX-25
SAPB
3000 units, Tape-and-Reel
25
LM3502SQ-25
L00049B
250 units, Tape-and-Reel
25
LM3502SQX-25
L00049B
3000 units, Tape-and-Reel
35
LM3502ITL-35
SARB
250 units, Tape-and-Reel
35
LM3502ITLX-35
SARB
3000 units, Tape-and-Reel
35
LM3502SQ-35
L00044B
250 units, Tape-and-Reel
35
LM3502SQX-35
L00044B
3000 units, Tape-and-Reel
44
LM3502ITL-44
SDLB
250 units, Tape-and-Reel
44
LM3502ITLX-44
SDLB
3000 units, Tape-and-Reel
44
LM3502SQ-44
L00050B
250 units, Tape-and-Reel
44
LM3502SQX-44
L00050B
3000 units, Tape-and-Reel
www.national.com
3


Similar Part No. - LM3502ITL-25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3502ITL-25 NSC-LM3502ITL-25 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502ITL-25/NOPB TI1-LM3502ITL-25/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502ITL-25NOPB TI1-LM3502ITL-25NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
More results

Similar Description - LM3502ITL-25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com