Electronic Components Datasheet Search |
|
TNY268GTL Datasheet(PDF) 6 Page - Power Integrations, Inc. |
|
TNY268GTL Datasheet(HTML) 6 Page - Power Integrations, Inc. |
6 / 24 page 6 E 4/04 TNY263-268 Figure 12. Normal Power-down Timing (without UV). Figure 13. Slow Power-down Timing with Optional External (2 M Ω) UV Resistor Connected to EN/UV Pin. 0 2.5 5 Time (s) 0 100 200 400 300 0 100 200 V DC-INPUT V DRAIN Figure 10. TinySwitch-II Power-up with Optional External UV Resistor (2 M Ω) Connected to EN/UV Pin. Figure 11. TinySwitch-II Power-up without Optional External UV Resistor Connected to EN/UV Pin. 0 12 Time (ms) 0 200 400 5 0 10 0 100 200 V DC-INPUT V BYPASS V DRAIN 0 12 Time (ms) 0 200 400 5 0 10 0 100 200 V DC-INPUT V BYPASS V DRAIN PI-2661-072400 V DRAIN V EN CLOCK D DRAIN I MAX Figure 9. TinySwitch-II Operation at Very Light Load. 0 .5 1 Time (s) 0 100 200 300 0 100 200 400 V DC-INPUT V DRAIN applicationswithandwithoutanexternalresistor(2M Ω)connected to the EN/UV pin. During power-down, when an external resistor is used, the power MOSFET will switch for 50 ms after the output loses regulation. The power MOSFET will then remain off without any glitches since the under-voltage function prohibits restart when the line voltage is low. Figure 12 illustrates a typical power-down timing waveform of TinySwitch-II. Figure 13 illustrates a very slow power-down timing waveform of TinySwitch-II as in standby applications. |
Similar Part No. - TNY268GTL |
|
Similar Description - TNY268GTL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |