Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3502SQX-44 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3502SQX-44
Description  Step-Up Converter for White LED Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3502SQX-44 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3502SQX-44 Datasheet HTML 1Page - National Semiconductor (TI) LM3502SQX-44 Datasheet HTML 2Page - National Semiconductor (TI) LM3502SQX-44 Datasheet HTML 3Page - National Semiconductor (TI) LM3502SQX-44 Datasheet HTML 4Page - National Semiconductor (TI) LM3502SQX-44 Datasheet HTML 5Page - National Semiconductor (TI) LM3502SQX-44 Datasheet HTML 6Page - National Semiconductor (TI) LM3502SQX-44 Datasheet HTML 7Page - National Semiconductor (TI) LM3502SQX-44 Datasheet HTML 8Page - National Semiconductor (TI) LM3502SQX-44 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM3502
Step-Up Converter for White LED Applications
General Description
The LM3502 is a white LED driver for lighting applications.
For dual display or large single white LED string backlighting
applications, the LM3502 provides a complete solution. The
LM3502 contains two internal white LED current bypass
FET(Field Effect Transitor) switches that are ideal for con-
trolling dual display applications. The white LED current can
be adjusted with a PWM signal directly from a microcontrol-
ler without the need of an RC filter network.
With no external compensation, cycle-by-cycle current limit,
over-voltage protection, and under-voltage protection, the
LM3502 offers superior performance over other application
specific standard product step-up white LED drivers.
Features
n
Drive up to 4, 6, 8 or 10 white LEDs for Dual Display
Backlighting
n >
80% efficiency
n
Output Voltage Options: 16V , 25V , 35V, and 44V
n
Input Under-Voltage Protection
n
Internal Soft Start Eliminating Inrush Current
n
1 MHz Constant Switching Frequency
n
Wide Input Voltage: 2.5V to 5.5V
n
Small External Components
n
Low Profile Packages: <1 mm Height
-10 Bump MicroSMD
-16 Pin LLP
Applications
n
Dual Display Backlighting in Portable Devices
n
Cellular Phones and PDAs
Typical Application
20131701
FIGURE 1. Blacklight Configuration with 10 White LEDs
August 2006
© 2006 National Semiconductor Corporation
DS201317
www.national.com


Similar Part No. - LM3502SQX-44

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3502SQX-44 NSC-LM3502SQX-44 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
More results

Similar Description - LM3502SQX-44

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com