Electronic Components Datasheet Search |
|
LM3661TL-1.35 Datasheet(PDF) 6 Page - National Semiconductor (TI) |
|
|
LM3661TL-1.35 Datasheet(HTML) 6 Page - National Semiconductor (TI) |
6 / 17 page Electrical Characteristics (Note 2) (Continued) Specifications with standard typeface are for T J = 25˚C, and those in bold face type apply over the full Operating Temperature Range (T A =TJ = −30˚C to +85˚C). Unless otherwise specified, PVIN =VDD = EN = SYNC/MODE = VSEL = 3.6V, ISEL= 0V, C OUT = 22 µF. Symbol Parameter Remarks Min Typ Max Units V EN,H EN Logic High Input (Note 4) V IN = 2.7V to 5.5V 1.2 V V EN,L EN Logic Low Input 0.4 V V SYNC/MODE, H SYNC/MODE Logic High Input 1.2 V V SYNC/MODE, L SYNC/MODE Logic Low Input 0.4 V V SEL, H V SEL Logic High Input 1.2 V V SEL, L V SEL Logic Low Input 0.4 V I SEL,H I SEL Logic High Input 1.2 V I SEL, L I SEL Logic Low Input 0.4 R EN Enable pin input resistance 1 M Ω f SYNC SYNC/MODE Clock Frequency Range (Note 6) V IN = 2.7V to 5.5V 500 750 kHz f OSC Internal Oscillator Frequency PWM mode (SYNC/MODE = V IN) V IN = 2.7V to 5.5V 535 600 675 kHz Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical Characteristics tables. Note 2: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm. Due to the pulsed nature of the testing TA=TJ for the electrical characteristics table. Note 3: Thermal shutdown will occur if the junction temperature exceeds 150˚C. This function is only active in PWM mode. Note 4: The LM3202 is designed for mobile phone applications where turn-on after power-up is controlled by the system controller and where requirements for a small package size overrule increased die size for internal Under Voltage Lock-Out (UVLO) circuitry. Thus, it should be kept in shutdown by holding the EN pin low until the input voltage exceeds 2.7V. Note 5: The hysteresis voltage is the minimum voltage swing on FB that causes the internal feedback and control circuitry to turn the internal PFET switch on and then off, during test mode. Note 6: SYNC/MODE driven with an external clock switching between VIN and GND. When an external clock is present at SYNC/MODE, the IC is forced to PWM mode at the external clock frequency. www.national.com 6 |
Similar Part No. - LM3661TL-1.35 |
|
Similar Description - LM3661TL-1.35 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |