Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3670MF-2.5 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3670MF-2.5
Description  Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3670MF-2.5 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3670MF-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LM3670MF-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LM3670MF-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LM3670MF-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LM3670MF-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LM3670MF-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LM3670MF-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LM3670MF-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LM3670MF-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN Pin: Voltage to GND
−0.2V to 6.0V
EN Pin: Voltage to GND
−0.2V to 6.0V
FB, SW Pin:
(GND−0.2V) to
(V
IN + 0.2V)
Junction Temperature (T
J-MAX)
−45˚C to +125˚C
Storage Temperature Range
−45˚C to +150˚C
Maximum Lead Temperature
(Soldering, 10 sec.)
260˚C
ESD Rating (Note 3)
Human Body Model:
VIN, SW, FB, EN, GND
2.0kV
Machine Model:
200V
Operating Ratings (Notes 1, 2)
Input Voltage Range
2.5V to 5.5V
Recommended Load Current
0A to 350 mA
Junction Temperature (T
J) Range
−40˚C to +125˚C
Ambient Temperature (T
A) Range
−40˚C to +85˚C
Thermal Properties
Junction-to-Ambient
Thermal Resistance (
θ
JA)
(SOT23-5)
250˚C/W
Electrical Characteristics Limits in standard typeface are for T
J = 25˚C. Limits in boldface type apply over
the full operating junction temperature range (−40˚C
≤ T
J
≤ +125˚C). Unless otherwise noted V
IN = 3.6V, VOUT = 1.8V, IO =
150mA, EN = V
IN
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IN
Input Voltage Range
(Note 5)
2.5
5.5
V
V
OUT
Fixed Output Voltage: 1.2V
2.5V
≤ V
IN
≤ 5.5V
I
O =10mA
-2.0
+4.0
%
2.5V
≤ V
IN
≤ 5.5V
0mA
≤ I
O
≤ 150 mA
-4.5
+4.0
Fixed Output Voltage: 1.5V
2.5V
≤ V
IN
≤ 5.5V
I
O =10mA
-2.5
+4.0
%
2.5V
≤ V
IN
≤ 5.5V
0mA
≤ I
O
≤ 350 mA
-5.0
+4.0
Fixed Output Voltage: 1.6V,
1.875V
2.5V
≤ V
IN
≤ 5.5V
I
O =10mA
-2.5
+4.0
%
2.5V
≤ V
IN
≤ 5.5V
0mA
≤ I
O
≤ 350 mA
-5.5
+4.0
Fixed Output Voltage: 1.8V
2.5V
≤ V
IN
≤ 5.5V
I
O =10mA
-1.5
+3.0
%
2.5V
≤ V
IN
≤ 5.5V
0mA
≤ I
O
≤ 350 mA
−4.5
+3.0
Fixed Output Voltage: 2.5V,
3.3V
3.6V
≤ V
IN
≤ 5.5V
I
O =10mA
-2.0
+4.0
%
3.6V
≤ V
IN
≤ 5.5V
0mA
≤ I
O
≤ 350 mA
-6.0
+4.0
Adjustable Output Voltage
(Note 4)
2.5V
≤ V
IN
≤ 5.5V
I
O =10mA
-2.5
+4.5
%
2.5V
≤ V
IN
≤ 5.5V
0mA
≤ I
O
≤ 150 mA
-4.0
+4.5
Line_reg
Line Regulation
2.5V
≤ V
IN
≤ 5.5V
I
O =10mA
0.26
%/V
Load_reg
Load Regulation
150 mA
≤ I
O
≤ 350 mA
0.0014
%/mA
V
REF
Internal Reference Voltage
0.5
V
I
Q_SHDN
Shutdown Supply Current
T
A=85
oC
0.1
1
µA
www.national.com
4


Similar Part No. - LM3670MF-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670MF-2.5 NSC-LM3670MF-2.5 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

Similar Description - LM3670MF-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM2612BL NSC-LM2612BL Datasheet
2Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com